Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB3280-AEZG Datasheet(PDF) 7 Page - Microchip Technology

Part # USB3280-AEZG
Description  Hi-Speed USB Device PHY with UTMI Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3280-AEZG Datasheet(HTML) 7 Page - Microchip Technology

Back Button USB3280-AEZG Datasheet HTML 3Page - Microchip Technology USB3280-AEZG Datasheet HTML 4Page - Microchip Technology USB3280-AEZG Datasheet HTML 5Page - Microchip Technology USB3280-AEZG Datasheet HTML 6Page - Microchip Technology USB3280-AEZG Datasheet HTML 7Page - Microchip Technology USB3280-AEZG Datasheet HTML 8Page - Microchip Technology USB3280-AEZG Datasheet HTML 9Page - Microchip Technology USB3280-AEZG Datasheet HTML 10Page - Microchip Technology USB3280-AEZG Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
 2004 - 2015 Microchip Technology Inc.
DS00001898A-page 7
USB3280
4.0
INTERFACE SIGNAL DEFINITION
TABLE 4-1:
SYSTEM INTERFACE SIGNALS
Name
Direction
Active
Level
Description
RESET
(RST)
Input
High
Reset.
Reset all state machines. After coming out of reset,
must wait 5 rising edges of clock before asserting TXValid
for transmit.
See Section 7.8.3
XCVRSELECT
(XSEL)
Input
N/A
Transceiver Select.
This signal selects between the FS
and HS transceivers:
0: HS transceiver enabled
1: FS transceiver enabled.
TERMSELECT
(TSEL)
Input
N/A
Termination Select.
This signal selects between the FS
and HS terminations:
0: HS termination enabled
1: FS termination enabled
SUSPENDN
(SPDN)
Input
Low
Suspend.
Places the transceiver in a mode that draws
minimal power from supplies. Shuts down all blocks not
necessary for Suspend/Resume operation. While
suspended, TERMSELECT must always be in FS mode to
ensure that the 1.5k
Ω pull-up on DP remains powered.
0: Transceiver circuitry drawing suspend current
1: Transceiver circuitry drawing normal current
CLKOUT
(CLK)
Output
Rising Edge
System Clock
. This output is used for clocking receive
and transmit parallel data at 60MHz.
OPMODE[1:0]
(OM1)
(OM0)
Input
N/A
Operational Mode.
These signals select between the
various operational modes:
[1]
[0]
Description
0
0
0: Normal Operation
0
1
1: Non-driving (all terminations removed)
1
0
2: Disable bit stuffing and NRZI encoding
1
1
3: Reserved
LINESTATE[1:0]
(LS1)
(LS0)
Output
N/A
Line State
. These signals reflect the current state of the
USB data bus in FS mode, with [0] reflecting the state of
DP and [1] reflecting the state of DM. When the device is
suspended or resuming from a suspended state, the
signals are combinatorial. Otherwise, the signals are
synchronized to CLKOUT.
[1]
[0]
Description
0
0
0: SE0
0
1
1: J State
1
0
2: K State
1
1
3: SE1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com