Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SB772SQ Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # 2SB772SQ
Description  Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

2SB772SQ Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  2SB772SQ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SB772SQ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2SB772SQ
Silicon PNP Power Transistor
www.pingjingsemi.com
2 / 2
Revision:1.0 Apr-2018
Electrical Characteristics (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
DC Current Gain
at -VCE = 2 V, -IC = 20 mA
at -VCE = 2 V, -IC = 1 A Current Gain Group
R
Q
P
E
hFE
hFE
hFE
hFE
hFE
30
60
100
160
200
-
-
-
-
-
120
200
320
400
-
-
-
-
-
Collector Base Cutoff Current
at -VCB = 30 V
-ICBO
-
-
1
µA
Emitter Base Cutoff Current
at -VEB = 3 V
-IEBO
-
-
1
µA
Collector Base Breakdown Voltage
at -IC = 1 mA
-V(BR)CBO
40
-
-
V
Collector Emitter Breakdown Voltage
at -IC = 1 mA
-V(BR)CEO
30
-
-
V
Emitter Base Breakdown Voltage
at -IE = 1 mA
-V(BR)EBO
5
-
-
V
Collector Emitter Saturation Voltage at -IC = 2 A, -IB = 200 mA
-VCE(sat)
-
-
0.5
V
Base Emitter Saturation Voltage
at -IC = 2 A, -IB = 200 mA
-VBE(sat)
-
-
2
V
Current Gain Bandwidth Product
at -VCE = 5 V, -IC = 100 mA
fT
-
80
-
MHz
Output Capacitance
at -VCB = 10 V, f = 1 MHz
Cob
-
55
-
pF
Package Outline
SOT-89
Unit :
mm
Ordering Information
Device
Package
Shipping
2SB772SQ
SOT-89
1000PCS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com