Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BC817 Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # BC817
Description  NPN Silicon Epitaxial Planar Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

BC817 Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  BC817 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, BC817 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, BC817 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BC817 thru BC818
NPN Silicon Epitaxial Planar Transistor
1 / 3
www.pingjingsemi.com
Revis
ion:1.0 Oct-2017
Features
For switching, AF driver and amplifier application,
These transistors are subdivided into three groups
-16, -25, -40 according to their current gain. As
complementary types, the PNP transistors BC807
and BC808 are recommended.
SOT-23
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Value
Unit
Collector Base Voltage
BC817
BC818
VCBO
50
30
V
Collector Emitter Voltage
BC817
BC818
VCEO
45
25
V
Emitter Base Voltage
VEBO
5
V
Collector Current
IC
500
mA
Power Dissipation
Ptot
300
mW
Junction Temperature
TJ
150
O
C
Storage Temperature Range
TSTG
- 55 to + 150
O
C
Electrical Characteristics (Ta=25℃)
Parameter
Symbol
Min. Typ.
Max.
Unit
DC Current Gain
at VCE = 1 V, IC = 100 mA
Current Gain Group
-16
-25
-40
at VCE = 1 V, IC = 500 mA
hFE
hFE
hFE
hFE
100
160
250
40
-
-
-
-
250
400
600
-
-
-
-
-
Collector Base Cutoff Current
at VCB = 20 V
ICBO
-
-
100
nA
Emitter Base Cutoff Current
at VEB = 5 V
IEBO
-
-
100
nA
Collector Emitter Saturation Voltage
at IC = 500 mA, IB = 50 mA
VCE(sat)
-
-
0.7
V
Base Emitter Voltage
at IC = 500 mA, VCE = 1 V
VBE(on)
-
-
1.2
V
Transition Frequency
at VCE = 5 V, IC = 10 mA, f = 50 MHz
fT
100
-
-
MHz
Collector Base Capacitance
at VCB = 10 V, f = 1 MHz
Cob
-
5
-
pF
1.B 2.E 3.C
1
2
3


Similar Part No. - BC817

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC817 PHILIPS-BC817 Datasheet
47Kb / 8P
NPN general purpose transistor
1999 Jun 01
logo
Transys Electronics
BC817 TRSYS-BC817 Datasheet
49Kb / 2P
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Zetex Semiconductors
BC817 ZETEX-BC817 Datasheet
37Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
NPN Silicon AF Transistors
logo
Fairchild Semiconductor
BC817 FAIRCHILD-BC817 Datasheet
31Kb / 2P
NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - BC817

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com