Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HS3002 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HS3002
Description  High Performance Relative Humidity and Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS3002 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HS3002 Datasheet HTML 7Page - Renesas Technology Corp HS3002 Datasheet HTML 8Page - Renesas Technology Corp HS3002 Datasheet HTML 9Page - Renesas Technology Corp HS3002 Datasheet HTML 10Page - Renesas Technology Corp HS3002 Datasheet HTML 11Page - Renesas Technology Corp HS3002 Datasheet HTML 12Page - Renesas Technology Corp HS3002 Datasheet HTML 13Page - Renesas Technology Corp HS3002 Datasheet HTML 14Page - Renesas Technology Corp HS3002 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
HS300x Datasheet
© 2020 Renesas Electronics Corporation
11
April 22, 2020
6.3 I2C Communication
The sensor transmission is initiated when the master sends a 0 START bit (S). The transmission is terminated when the master sends a 1 STOP
bit (P). These bits are only transmitted while the SCL line is HIGH (see Figure 155 for waveforms).
Once the START condition has been set, the SCL line is toggled at the prescribed data rate, clocking subsequent data transfers. Data on the
SDA line is always sampled on the rising edge of the SCL line and must remain stable while SCL is HIGH to prevent false START or STOP
conditions.
Figure 15. START and STOP Condition Waveform
START Condition
STOP Condition
STOP
SDA
SCL
SDA
SCL
START
After the START bit, the master device sends the 7-bit slave address (see section 6.2) to the HS300x, followed by the read/write bit, which
indicates the transfer direction of any subsequent data. This bit is set to 1 to indicate a read from slave to master or set to 0 to indicate a write
from master to slave.
All transfers consist of 8 bits and a response bit: 0 for Acknowledge (ACK) or 1 for Not Acknowledge (NACK). After the ACK is received, another
data byte can be transferred or the communication can be stopped with a STOP bit.
6.4 Measurement Mode
The HS300x is factory-programmed to operate in Sleep Mode. In Sleep Mode, the sensor waits for commands from the master before taking
measurements. The digital core only performs conversions when it receives a Measurement Request command (MR); otherwise, it is always
powered down.
6.5 Measurement Requests (MR)
The MR command is required to wake up the HS300x from its Sleep Mode. Initiate the Measurement Request by sending the 7-bit slave address
followed by an eighth bit = 0 (WRITE).
A measurement cycle consists of a humidity and temperature conversion followed by the digital signal processor (DSP) correction calculations.
At the end of a measurement cycle, the digital output register will be updated before powering down.
The output is always scaled to 14 bits. The order of the bits is big-endian.
Figure 16. Measurement Request
S
Device Slave Address [6:0]
Slave Address Bit
(MSB first)
Start Condition
Stop Condition
Acknowledge (ACK)
Read/Write
(Example: Write = 0)
S
S
W
Wait for
Slave ACK
1
S
0 0
1
0
0
W
(0)
0
A
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com