Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1N4148WS-BL Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # 1N4148WS-BL
Description  300mA, Silicon Epitaxial Planar Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

1N4148WS-BL Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  1N4148WS-BL Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, 1N4148WS-BL Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, 1N4148WS-BL Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N4148WS-BL(300mA)
Silicon Epitaxial Planar Switching Diode
Features
For surface mounted applications
Glass passivated chip junction
Fast reverse recovery time
Ideal for automated placement
Lead free in comply with EU RoHS
2011/65/EU directives
PINNING
Simplified outline SOD-323 and symbol
1
2
Absolute Maximum Ratings (at Ta = 25 °C)
Characteristics (at Ta = 25 °C)
PIN
Description
1
Cathode
2
Anode
Parameter
Symbols
Maximum Repetitive Peak Reverse Voltage
VRRM
100
V
Maximum RMS voltage
VRMS
75
V
Continuous Forward Current
IF
300
mA
Non-reptitive Peak Forward Surge Current
at 1ms
IFSM
4
A
Total Power Dissipation
Ptot
400
mW
Operating and Storage Temperature Range
TJ, Tstg
-55 ~ +150
°C
Parameter
Symbols
Reverse Breakdown Voltage
at IR=1μA
V(BR)R
75
V
Maximum Forward Voltage
a
at
IF =1 mA
at
IF =10 mA
at
IF =50 mA
at
IF =150 mA
VF
0.715
0.855
1.00
1.25
V
Peak Reverse Current
at VR=20V, TJ=25°C
at VR=75V, TJ=25°C
at VR=25V,TJ=150°C
at VR=75V,TJ=150°C
IR
0.025
1
30
50
μA
Typical Junction Capacitance
CJ
5
pF
Maximum Reverse Recovery Time
at IF = 0.5 A, IR = 1 A, Irr = 0.25 A
trr
Typical
8
ns
Units
Units
1 / 3
www.pingjingsemi.com
Revis
ion:1.0 Oct-2017
Value
Value


Similar Part No. - 1N4148WS-BL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4148WS-13-F DIODES-1N4148WS-13-F Datasheet
85Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
DS30097 Rev. 18 - 2
1N4148WS-13-F DIODES-1N4148WS-13-F Datasheet
95Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
Rev 20
1N4148WS-13-F DIODES-1N4148WS-13-F Datasheet
84Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
Rev 20
1N4148WS-13-F DIODES-1N4148WS-13-F Datasheet
84Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
Rev 20
1N4148WS-13-F DIODES-1N4148WS-13-F Datasheet
135Kb / 5P
SURFACE MOUNT FAST SWITCHING DIODE
Rev 23
More results

Similar Description - 1N4148WS-BL

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
1N4148WSGH ZOWIE-1N4148WSGH_11 Datasheet
140Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Olitech Electronics Co....
BAS35 OLITECH-BAS35 Datasheet
515Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Nanjing International G...
MMBD914 DGNJDZ-MMBD914 Datasheet
277Kb / 2P
Silicon Epitaxial Planar Switching Diode
MMBD4148 DGNJDZ-MMBD4148 Datasheet
98Kb / 2P
Silicon Epitaxial Planar Switching Diode
logo
Dongguan Pingjingsemi T...
1N4148W-BL PJSEMI-1N4148W-BL Datasheet
445Kb / 3P
300mA, Silicon Epitaxial Planar Switching Diode
1SS355 PJSEMI-1SS355 Datasheet
407Kb / 3P
Silicon Epitaxial Planar Switching Diode
MMBD7000 PJSEMI-MMBD7000 Datasheet
590Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
DONGGUAN YOU FENG WEI E...
BAV70DW YFWDIODE-BAV70DW Datasheet
342Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
SHIKUES Electronics
1SS352 SKTECHNOLGY-1SS352 Datasheet
398Kb / 3P
Silicon Epitaxial Planar Switching Diode
KDS160 SKTECHNOLGY-KDS160 Datasheet
1Mb / 3P
Silicon Epitaxial Planar Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com