Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAV19FL Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # BAV19FL
Description  SURFACE MOUNT SWITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

BAV19FL Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  BAV19FL Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, BAV19FL Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, BAV19FL Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAV19FL-
BAV21FL
SURFACE MOUNT SWITCHING DIODES
Forward Current- 250mA
Reverse Voltage-120V to 250V
Case: SOD-123FL molded plastic body
Epoxy: UL 94V-0 rate flame retardant
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: : Approximated 0.015 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
℃ ambient temperature unless otherwise specified.
PARAMETER
SYMBOL
BAV19FL
BAV20FL
BAV21FL
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
120
200
250
V
Maximum RMS Voltage
VRMS
100
150
200
V
Reverse Breakdown Voltage at IR=100μA
V(BR)R
120
200
250
V
Maximum Forward Current
IF
250
mA
Repetitive Peak Forward Current
IFRM
625
mA
Peak Forward Surge Current at 1s
1ms
1 us
IFSM
1
3
9
A
Maximum Forward Voltage at 100mA
200mA
VF
1.00
1.25
V
Maximum DC Reverse Current at Rated DC Blocking
Voltage TA=25
TA=150
IR
0.1
100
uA
Typical Junction Capacitance
VR=4V,f=1MHz
CJ
5
pF
Power Dissipation
PD
500
mW
Maximum Reverse Recovery Time
Trr
50
nS
Operating and Storage Temperature Range
TJ,TSTG
-55 to +150
FEATURES
For surface mount applications
Glass passivated chip junction
Fast reverse recovery time
Ideal for automated placement
Lead free in comply with EU RoHS2011/65/EU directives
MECHANICAL DATA
PIN
NING
PIN
DESCRIPTION
1
Cathode
2
Anode
Top View
Simplified outline SOD-123FL and symbol
1
2
1 / 3
www.pingjingsemi.com
Revi
sion:1.0 Oct-2017


Similar Part No. - BAV19FL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV19 VISHAY-BAV19 Datasheet
129Kb / 5P
Small Signal Switching Diodes, High Voltage
20-Apr-06
logo
Fairchild Semiconductor
BAV19 FAIRCHILD-BAV19 Datasheet
36Kb / 1P
General Purpose Diodes
BAV19 FAIRCHILD-BAV19 Datasheet
148Kb / 8P
High Voltage General Purpose Diode
logo
General Semiconductor
BAV19 GE-BAV19 Datasheet
142Kb / 4P
Small Signal Diodes
logo
Diotec Semiconductor
BAV19 DIOTEC-BAV19 Datasheet
169Kb / 2P
Silicon-Planar-Diodes
More results

Similar Description - BAV19FL

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
SURFACE MOUNT SWITCHING DIODES
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAV16W PANJIT-BAV16W_09 Datasheet
70Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56 PANJIT-BAW56_10 Datasheet
108Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56TB PANJIT-BAW56TB Datasheet
84Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56W PANJIT-BAW56W_09 Datasheet
99Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
Surface Mount Switching Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com