Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAV19W Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # BAV19W
Description  Silicon Epitaxial Planar Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

BAV19W Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  BAV19W Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, BAV19W Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, BAV19W Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BAV19W thru BAV21W
Silicon Epitaxial Planar Diodes
3 / 3
www.pingjingsemi.com
Revis
ion:1.0 Oct-2017
Package Outline
SOD-123
Ordering Information
Device
Package
Shipping
BAV19W thru BAV21W
SOD-123
3000/Tape&Reel (7 inches)
mm
UNIT
A
b
c
DE
H
v
ALL ROUND
D
A
H
HE
p
E
1.15
1.05
0.6
0.5
0.135
0.100
2.7
2.6
1.65
1.55
3.85
3.55
0.2
O
5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com