Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAV74 Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # BAV74
Description  Silicon Epitaxial Planar Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

BAV74 Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  BAV74 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, BAV74 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, BAV74 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAV74
Silicon Epitaxial Planar Diode
1 / 3
www.pingjingsemi.com
Revis
ion:1.0 Oct-2017
Features
Small package
Low forward voltage
3
Fast reverse recovery time
Small total capacitance
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Value
Unit
Maximum Peak Reverse Voltage
VRM
60
V
Reverse Voltage
VR
50
V
Average Forward Current
2
15
mA
Maximum Peak Forward Current
IFM
450
mA
Non-Repetitive Peak Forward Surge Current
at t = 1 s
at t = 1 µs
IFSM
A
Power Dissipation
PD
350
mW
Junction Temperature
TJ
150
O
C
Storage Temperature Range
TSTG
- 55 to + 150
O
C
Characteristics (Ta=25℃)
1
3
2
SOT-23
1
2
3
Parameter
Symbol
Min.
Max.
Unit
Forward Voltage
at IF = 1 mA
at IF = 10 mA
at IF = 50 mA
at IF = 150 mA
VF
VF
VF
VF
-
-
-
-
715
855
1
1.25
mV
mV
V
V
at VR = 25 V, TJ = 150 OC
at VR = 50 V, TJ = 150 OC
IR
IR
IR
IR
-
-
-
-
30
0.1
30
100
nA
µA
µA
µA
Total Capacitance
at VR = 0 , f = 1 MHz
CT
-
2
pF
Reverse Recovery Time
at IF = 10 mA, VR = 6 V, IRR = 1 mA, RL = 100 Ω
trr
-
4
ns
Reverse Current
at VR = 25 V
at VR = 50 V
Single Diode Loaded
Double Diode Loaded
IO
at t = 1
ms
0.5
1
4
125
Marking: A4


Similar Part No. - BAV74

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV74 PHILIPS-BAV74 Datasheet
57Kb / 12P
High-speed double diode
1999 May 11
logo
Zowie Technology Corpor...
BAV74 ZOWIE-BAV74 Datasheet
44Kb / 2P
MONOLITHIC DUAL SWITCHING DIODE
logo
Siemens Semiconductor G...
BAV74 SIEMENS-BAV74 Datasheet
96Kb / 4P
Silicon Switching Diode Array (For high-speed switching Common cathode)
logo
Fairchild Semiconductor
BAV74 FAIRCHILD-BAV74 Datasheet
24Kb / 3P
High Conductance Ultra Fast Diode
logo
Infineon Technologies A...
BAV74 INFINEON-BAV74 Datasheet
39Kb / 4P
Silicon Switching Diode Array
Jul-31-2001
More results

Similar Description - BAV74

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDS160E KEC-KDS160E Datasheet
88Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS355 BILIN-1SS355 Datasheet
209Kb / 3P
Silicon Epitaxial Planar Diode
Rev.A
BAS316 BILIN-BAS316 Datasheet
355Kb / 4P
Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
HSM2692 KEXIN-HSM2692 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
KDV262 KEXIN-KDV262 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
KDV287 KEXIN-KDV287 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
MA2ZV02 KEXIN-MA2ZV02 Datasheet
33Kb / 1P
Silicon Epitaxial Planar Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com