Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAV99 Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # BAV99
Description  Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

BAV99 Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  BAV99 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, BAV99 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, BAV99 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAV99
Switching Diode
2 / 3
Typical Characteristic Curves
0
25
125
150
0
50
100
150
200
250
300
0.0
0.4
0.8
1.2
1.6
0.1
1
10
100
0
0
2
0
6
80
1
10
100
1000
0
5
15
20
1.0
1.1
1.2
1.3
1.4
Power Derating Curve
50
75
100
AMBIENT TEMPERATURE Ta (℃)
300
30
3
0.3
FORWARD VOLTAGE
V
F
(V)
300
30
3
Ta=100℃
Ta=25℃
0
4
REVERSE VOLTAGE V
R
(V)
Forward
Characteristics
Reverse
Characteristics
Ta=25℃
f=1MHz
Capacitance Characteristics
10
REVERSE VOLTAGE V
R
(V)
www.pingjingsemi.com
Revision:2.0 Jun - 2019



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com