Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS98200 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS98200
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200 Datasheet(HTML) 2 Page - Cirrus Logic

  CS98200 Datasheet HTML 1Page - Cirrus Logic CS98200 Datasheet HTML 2Page - Cirrus Logic CS98200 Datasheet HTML 3Page - Cirrus Logic CS98200 Datasheet HTML 4Page - Cirrus Logic CS98200 Datasheet HTML 5Page - Cirrus Logic CS98200 Datasheet HTML 6Page - Cirrus Logic CS98200 Datasheet HTML 7Page - Cirrus Logic CS98200 Datasheet HTML 8Page - Cirrus Logic CS98200 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
2
Copyright 2002 Cirrus Logic (All Rights Reserved)
DS581PP2
CS98200
Next Generation DVD Processor
OVERVIEW (cont.)
Here is a summary of the CS98200 features.
System Characteristics
• Dual 32-bit (180 MHz) RISC processors
• 32-bit DSP processor ~ 180 MIPS
•240-pin MQFP package
• All I/O pins are 3 V with 5 V tolerance
• Advanced 0.18 µ CMOS technology
• Low power modes and clock shutoff
Memory Controller
• Up to 120 MHz SDRAM from 4 MB to 32 MB
• FLASH databus isolated from SDRAM bus to allow
faster SDRAM access
• 32-bit data bus for DRAM, 8-bit data bus for ROM
data flow engine
• Two DMA controllers — local memory based and
direct memory-to-memory
• DMA to/from main RAM into local SRAM
MPEG Video Decoder
• DVD, VCD, VCD 2.0 and SVCD
• MPEG-1, MPEG-2, and MPEG-4 simple profile
• Anti-tearing logic controls picture decode and
presentation
• Advanced error concealment hardware
Audio Interface
• 8 channels PCM output at 24-bits/192 kHz output
rate
• 2 channels I2S input at 24-bits/96 kHz
• IEC 60958/61937 capabilities
External Interface
• Serial master/slave ports for controlling DVD device
• ATAPI/IDE interface can also control hard disk
drives for PVR features
• Programmable bidirectional I/O pins
• All pins not used for other functions can be
reassigned as general purpose I/O pins
• Hardware assisted support for infrared remote
devices, such as remote control, infrared keyboard,
mouse, printer, and more
• Programmable parallel host master interface supports
formats including ATAPI, ISA, and more
• I/O channel interface supports all DVD loader
protocols
Video Processor
• OSD module with multiple regions and
transparencies
• Full screen graphics module, with 16 bit true-color
graphics plane
• High quality video scaling using multi-tap
programmable vertical and horizontal filters
Video Encoder
• Six 10-bit video DAC's, drives 37.5
Ω load directly
• Progressive (480p) or interlaced PAL (B, D, G, H, I, N,
M, 60) and NTSC mode output
• Component (RBG or YUV) or composite + S-Video
output
•Macrovision™ 7.1 support (interlaced) and
Macrovision™ 1.03 support (progressive)
• Wide-screen signaling support (interlaced and
progressive) and CGMS
• Closed captioning support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com