Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP6498 Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP6498
Description  600KHz 36V/1.2A Synchronous Step-down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6498 Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP6498 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6498 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6498 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6498 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6498 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6498 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6498 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6498 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6498 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LP6498-00
Mar.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 5 of 9
Preliminary Datasheet
LP6498
Electrical Characteristics
VIN=12V, VEN=5V, TA=25℃, unless otherwise noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN
Input Voltage
LP6498SOF
8
30
V
LP6498B6F
4.5
30
V
VOUT
Output Voltage Range
LP6498SOF
5.1
V
VFB
Feedback Threshold Voltage Accuracy
LP6498B6F
0.6
V
IQ
Quiescent Current
Iload=0mA
8
mA
VUVLO
VIN Under Voltage Lockout Threshold
VIN Rising
7.2
V
VUVLO-HYS
UVLO Hysteresis
1
V
ILIM
P-Channel Current Limit
TJ=25℃
2.4
A
TJ=150℃
1.6
RDS(ON)_H
High-Side Switch On Resistance
300
RDS(ON)_L
Low-Side Switch On Resistance
160
VRV
RV Voltage
2
V
THICCUP
Hiccup Time
6
mS
TSS
Soft-start Time
0.8
mS
fOSC
Oscillator Frequency
600
KHz
tSD
Over-Temperature Shutdown Threshold
150
THYS
Over-Temperature Shutdown Hysteresis
20



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com