Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3980 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP3980
Description  500mA,Ultra-low noise, Small Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3980 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP3980 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LP3980-00
Jul.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 10
Preliminary Datasheet
LP3980
Functional Pin Description
Package Type
Pin Configurations
SOT23-5
SOT23
TDFN-4(1*1)
1
2
3
5
4
VIN
GND
EN
VOUT
FB / NC
SOT23-5
(Top View)
1
3
2
GND
VOUT
VIN
SOT23
(Top View)
GND
5
TDFN-4
(Top View)
1
2
3
4
VOUT
GND
EN
VIN
Pin Description
Pin No.
Name
Description
SOT23-5
SOT23
TDFN-4
1
2
4
VIN
Power Input voltage.
2
1
2
GND
Ground.
3
-
3
EN
Enable pin.
4
-
-
NC
No connect.
FB (LP3980A) Feedback pin. The reference voltage is 0.8V.
5
3
1
VOUT
Output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com