Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3985 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP3985
Description  300mA,Ultra-low noise, Small Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3985 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP3985 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3985 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3985 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3985 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3985 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3985 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3985 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LP3985-00
May.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 7
Preliminary Datasheet
LP3985
Marking Information
Device
Marking
Package
Shipping
LP3985-12B3F
LPS
5bYWX
SOT23-3
3K/REEL
LP3985-12X3F
SOT89-3
1K/REEL
LP3985-15B3F
LPS
6nYWX
SOT23-3
3K/REEL
LP3985-15X3F
SOT89-3
1K/REEL
LP3985-18B3F
LPS
6cYWX
SOT23-3
3K/REEL
LP3985-18X3F
SOT89-3
1K/REEL
LP3985-25B3F
LPS
6dYWX
SOT23-3
3K/REEL
LP3985-25X3F
SOT89-3
1K/REEL
LP3985-28B3F
LPS
6hYWX
SOT23-3
3K/REEL
LP3985-28X3F
SOT89-3
1K/REEL
Device
Marking
Package
Shipping
LP3985-30B3F
LPS
6gYWX
SOT23-3
3K/REEL
LP3985-30X3F
SOT89-3
1K/REEL
LP3985-33B3F
LPS
6eYWX
SOT23-3
3K/REEL
LP3985-33X3F
SOT89-3
1K/REEL
LP3985-36B3F
LPS
6mYWX
SOT23-3
3K/REEL
LP3985-36X3F
SOT89-3
1K/REEL
Marking indication:
Y: Y is year code. W: W is week code. X: X is series number.
Functional Pin Description
Package Type
Pin Configurations
SOT23-3 / SOT89-3
VOUT
VIN
GND
3
2
1
Top View
SOT23-3
VOUT
VIN
GND
2
3
1
Top View
SOT89-3
4
VIN
Pin Description
Pin
Name
Description
SOT23-3 SOT89-3
3
2,4
VIN
Power Input Voltage.
2
3
VOUT
Output Voltage.
1
1
GND
Ground.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com