Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP4074 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP4074
Description  600mA Standalone Linear Li-Ion Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4074 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP4074 Datasheet HTML 1Page - Lowpower Semiconductor inc LP4074 Datasheet HTML 2Page - Lowpower Semiconductor inc LP4074 Datasheet HTML 3Page - Lowpower Semiconductor inc LP4074 Datasheet HTML 4Page - Lowpower Semiconductor inc LP4074 Datasheet HTML 5Page - Lowpower Semiconductor inc LP4074 Datasheet HTML 6Page - Lowpower Semiconductor inc LP4074 Datasheet HTML 7Page - Lowpower Semiconductor inc LP4074 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LP4074-00
Aug.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 6 of 8
Preliminary Datasheet
LP4074
Thermal Limit
An internal thermal feedback loop reduces the programmed
charge current if the die temperature attempts to rise above a
preset value of approximately 125℃. This feature protects the
LP4074 from excessive temperature and allows the user to
push the limits of the power handling capability of a given
circuit board without risk of damaging the LP4074. The charge
current can be set according to typical (not worst-case)
ambient temperature with the assurance that the charger will
automatically reduce the current in worst-case conditions.
Automatic Recharge
Once the charge cycle is terminated, the LP4074 continuously
monitors the voltage on the BAT pin using a comparator with
a 2ms filter time (TRECHARGE). A charge cycle restarts when the
battery voltage falls below 4.0V (which corresponds to
approximately 80% to 90% battery capacity). This ensures
that the battery is kept at or near a fully charged condition and
eliminates the need for periodic charge cycle initiations.
CHRG output enters a strong pull-down state during recharge
cycles.
Power Dissipation
The conditions that cause the LP4074 to reduce charge
current through thermal feedback can be approximated by
considering the power dissipated in the IC. Nearly all of this
power dissipation is generated by the internal MOSFET—this
is calculated to be approximately:
PD=(VIN-VBAT) × IBAT
VIN Bypass Capacitor
Many types of capacitors can be used for input bypassing;
however, caution must be exercised when using multilayer
ceramic capacitors. Because of the self-resonant and high Q
characteristics of some types of ceramic capacitors, high
voltage transients can be generated under some start-up
conditions, such as connecting the charger input to a live
power source. Adding a 1.5Ω resistor in series with an X5R
ceramic capacitor will minimize start-up voltage transients.
Layout Considerations
For the main current paths as indicated in bold lines,
keep their traces short and wide.
Put the input capacitor as close as possible to the device
pins (VIN and GND).
Connect all analog grounds to a command node and
then connect the command node to the power ground
behind the output capacitors.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com