Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP6261AB6F Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP6261AB6F
Description  Ultra low IQ Synchronous Boost Convertor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6261AB6F Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP6261AB6F Datasheet HTML 1Page - Lowpower Semiconductor inc LP6261AB6F Datasheet HTML 2Page - Lowpower Semiconductor inc LP6261AB6F Datasheet HTML 3Page - Lowpower Semiconductor inc LP6261AB6F Datasheet HTML 4Page - Lowpower Semiconductor inc LP6261AB6F Datasheet HTML 5Page - Lowpower Semiconductor inc LP6261AB6F Datasheet HTML 6Page - Lowpower Semiconductor inc LP6261AB6F Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LP6261-02
Dec.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 7
Preliminary Datasheet
LP6261
Electrical Characteristics
(VIN=3.5V, VOUT=5V, CIN=10uF, COUT=22uF, L=2.2uH)
Parameter
Condition
Min
Typ
Max
Units
Output Voltage
LP6261B6F
5.0
5.1
5.2
V
Feedback Voltage
LP6261AB6F
1.333
1.36
1.388
V
Supply Voltage
1
5
V
Input UVLO
IOUT=1mA
0.8
V
Supply Current
VEN=High, VIN=5V, No load
1
uA
Supply Current(Shutdown)
VEN=0V, VIN=5V
0.05
1
uA
Switching Frequency
1200
KHz
EN Input Low Voltage
0.3
V
EN Input High Voltage
1.4
V
EN Input Current
VEN=5V
0.1
uA
Low-side Current Limit
VIN=3.5V
1
A
Star-up Current Limit
1
A
High-side On Resistance
IDS=-100mA
160
Low-side On Resistance
IDS=100mA
220
Thermal Shutdown
150
Thermal Shutdown Hysteresis
25



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com