Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WADE-8020 Datasheet(PDF) 1 Page - American Portwell Technology, Inc

Part # WADE-8020
Description  Intel짰 CoreTM i5/ i7 processor based Mini-ITX with DDR3 SDRAM, Dual Display, Dual Gigabit Ethernet and USB Ports
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PORTWELL [American Portwell Technology, Inc]
Direct Link  www.portwell.com
Logo PORTWELL - American Portwell Technology, Inc

WADE-8020 Datasheet(HTML) 1 Page - American Portwell Technology, Inc

  WADE-8020 Datasheet HTML 1Page - American Portwell Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
88
Mini-ITX-WADE-8020
WADE-8020
CPU
Intel® CoreTM i5 / i7 processor (PGA 989)
BIOS
AMI uEFI BIOS (SPI ROM)
System Chipset
Intel® QM57
System Memory
Two 204-pin SO-DIMM support dual channel DDR3 SDRAM up
to 8GB
Storage
6 x Serial ATA connector high-speed data transfers at up to 3 Gb/s.
RAID 0, 1, 5, 10
Watchdog Timer
Programmable via S/W form 1 sec.~255min.
H/W Status Monitor
Monitoring Temperature, Voltage, and cooling fan status.
GPIO
Onboard programmable 16-bit Digital I/Os
Expansion
-One PCI slot and One PCI-E x1 slot
-One Mini-PCIE slot
Intel® CoreTM i5 / i7 processor (Quad-Core CPU support)
Intel® QM57 chipset
Two 204 pin SO-DIMMs support dual channel DDR3
SDRAM up to 8GB
One PCI-Express x1 and one PCI Expansion slot
One Mini-PCIe socket (with USB + PCIE x1 signal)
Three RS232 ports and one RS232/422/485 port
Six SATA ports
Dual Display by VGA / DVI / HDMI / LVDS (24bits)
Intel® Active Management Technology (Intel® AMT) 6.0
MIO
-1 x RS232 port, 1 x RS232/422/485: (external)
-2 x RS232 with header: (internal)
USB
4 x USB 2.0 ports and 4 x USB 2.0 with header
Audio Interface
Mic-in, Line-in, Line-out
Ethernet Interface
Dual Gigabit Ethernet (Intel® 82574L, Intel® 82577LM supports
iAMT 6.0)
Chipset
Intel® QM57
Graphic Engine
Intel® Gen 6.0 integrated Graphics Engine
Resolution
Analog Display: Up to 2048 x 1536 (QXGA)
Digital LVDS: Up to 1600 x 1200 (UXGA)
HDMI: Up to 1920 x 1200 (WUXGA)
DVI: Up to 1920 x 1200 (WUXGA)
Multi Display
VGA / DVI / HDMI / LVDS
Power Requirement
TBD
Operating Temperature
0~60°C
Operating Humidity
5%~95% non-condensing
Size (L x W)
6.69” x 6.69” (170 mm x 170 mm)
Weight
0.94 lbs (0.43 Kg)
FEATURES
SYSTEM
I/O
DISPLAY
MECHANICAL & ENVIRONMENTAL
Intel® CoreTM i5/ i7 processor based Mini-ITX with
DDR3 SDRAM, Dual Display, Dual Gigabit Ethernet
and USB Ports
WADE-8020
Intel® CoreTM i5 / i7 processor Based Mini-ITX Board with VGA, 24-bit LVDS, HDMI,
Dual GbE LAN, Four COM ports and Eight USB 2.0 ports
ORDERING GUIDE
REAR I/O
SOLDER SIDE
Mini-PCIE socket
Audio
RS232
DVI-D
HDMI
Gigabit Ethernet
USB
RS232/ 422/ 485
VGA


Similar Part No. - WADE-8020

ManufacturerPart #DatasheetDescription
logo
American Portwell Techn...
WADE-8022 PORTWELL-WADE-8022 Datasheet
1Mb / 1P
Intel짰 Core??i3/i5/i7 mobile processor based Mini-ITX Board with dual Gigabit Ethernet, four SATA III ports, Six COM ports, one PCIe x16 expansion slot and Dual Mini-PCIe slot with mSATA interface
More results

Similar Description - WADE-8020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AIS-I7514 ETC2-AIS-I7514 Datasheet
805Kb / 1P
Leading Intel짰 Core 2 Duo processor based Mini-ITX board with Dual Display and One GbE
logo
Advantech Co., Ltd.
AIMB-240 ADVANTECH-AIMB-240 Datasheet
300Kb / 2P
Intel짰 Pentium짰 4 Processor-based Mini-ITX Motherboard with 6 COM and Dual LAN
SIMB-M21 ADVANTECH-SIMB-M21 Datasheet
828Kb / 2P
Intel짰 Core??i7/i5/i3/Celeron짰 Mini-ITX with VGA/HDMI/LVDS/Display Port, 4 COM and Dual LAN
logo
Protech Systems Co., Lt...
PMB-871LF PROTECHSYSTEMS-PMB-871LF Datasheet
535Kb / 2P
ATX MB with Intel짰 Core??i7/i5/i3/Pentium Core??i7/i5/i3/Pentium Dual LAN, DDR3
logo
Advantech Co., Ltd.
SIMB-M21 ADVANTECH-SIMB-M21_14 Datasheet
666Kb / 2P
Intel짰 Core??i7/i5/i3/Celeron짰 Mini-ITX with VGA/HDMI/LVDS/Display Port, 4 COM and Dual LAN
logo
GSR Technology Ltd
HM100-HM86 GSR-HM100-HM86 Datasheet
415Kb / 2P
4th Gen Intel짰 CoreTM Mini-ITX
HU101 GSR-HU101 Datasheet
460Kb / 2P
4th Gen Intel짰 CoreTM Mini-ITX
logo
American Portwell Techn...
RUBY-M710VG2AR PORTWELL-RUBY-M710VG2AR Datasheet
778Kb / 1P
Intel짰 CoreTM i5/ i7 P4500 Processor based ATX Motherboard with DDR3 SDRAM, Dual Display, Dual Gigabit Ethernet and USB
WADE-8022 PORTWELL-WADE-8022 Datasheet
1Mb / 1P
Intel짰 Core??i3/i5/i7 mobile processor based Mini-ITX Board with dual Gigabit Ethernet, four SATA III ports, Six COM ports, one PCIe x16 expansion slot and Dual Mini-PCIe slot with mSATA interface
logo
Advantech Co., Ltd.
AIMB-276 ADVANTECH-AIMB-276 Datasheet
810Kb / 2P
Intel짰 Core??i7/i5/i3 LGA 1151 Mini-ITX
3-Jun-2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com