Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1591CSBK Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # 1591CSBK
Description  Quality Products. Service Excellence
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1591CSBK Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  1591CSBK Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1591CSBK Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1591CSBK Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
7/25/2018
ABS Plastic Multipurpose Enclosures w/ Card Guides (1591 Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/plastic/1591
2/3
Integral card guides accept
1.5 mm (0.062”) P.C. cards.
Machine screws thread into
brass bushing to attach the
lid.
Available with wall mounting
flanges molded into the lid.
Also available with an
accessory flange attached to
the bottom.
Allows mounting of PC boards
horzontally within the enclosure.
Molded from Flame retardant ABS
plastic
Part Number 1591Z6 - Package of 6
Part Number 1591Z50 - Package of 50
Part Number 1591Z100 - Package of 100
P.C. Board Card Adaptors:
Enclosures Without Mounting Flanges
Flame Retardant ABS Enclosures
General Purpose ABS Enclosures
Beige
Black
Blue
Gray
Black
Gray
Length Width
Depth (less lid)
Clear Lid Accessory
1591MBG
1591MBK
1591MBU
1591MGY
1591MSBK
1591MSGY
3.30
2.20
0.80
1591LC
1591LBG
1591LBK
1591LBU
1591LGY
1591LSBK
1591LSGY
3.30
2.20
1.40
1591LC
1591ABG
1591ABK
1591ABU
1591AGY
1591ASBK
1591ASGY
3.90
2.00
0.80
1591AC
1591SBG
1591SBK
1591SBU
1591SGY
1591SSBK
1591SSGY
4.30
3.20
1.60
1591SC
1591BBG
1591BBK
1591BBU
1591BGY
1591BSBK
1591BSGY
4.40
2.40
1.10
1591BC
1591CBG
1591CBK
1591CBU
1591CGY
1591CSBK
1591CSGY
4.70
2.60
1.40
1591CC
1591TBG
1591TBK
1591TBU
1591TGY
1591TSBK
1591TSGY
4.70
3.20
2.20
1591TC
1591UBG
1591UBK
1591UBU
1591UGY
1591USBK
1591USGY
4.70
4.70
2.20
1591UC
1591VBG
1591VBK
1591VBU
1591VGY
1591VSBK
1591VSGY
4.70
4.70
3.50
1591VC
1591GBG
1591GBK
1591GBU
1591GGY
1591GSBK
1591GSGY
4.80
3.70
1.20
1591GC
1591DBG
1591DBK
1591DBU
1591DGY
1591DSBK
1591DSGY
5.90
3.20
1.80
1591DC
1591HBG
1591HBK
1591HBU
1591HGY
1591HSBK
1591HSGY
6.50
2.80
1.00
1591HC
1591EBG
1591EBK
1591EBU
1591EGY
1591ESBK
1591ESGY
7.48
4.33
2.23
1591EC
Enclosures With Mounting Flanges
Flame Retardant ABS,
Flanged Lid
General Purpose ABS,
Flanged Lid
Flame Retardant,
Bottom Flange
General Purpose ABS,
Bottom Flange



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com