Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS29F040 Datasheet(PDF) 14 Page - Alliance Semiconductor Corporation

Part # AS29F040
Description  5V 512K x 8 CMOS FLASH EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS29F040 Datasheet(HTML) 14 Page - Alliance Semiconductor Corporation

Back Button AS29F040 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS29F040 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS29F040 Datasheet HTML 12Page - Alliance Semiconductor Corporation AS29F040 Datasheet HTML 13Page - Alliance Semiconductor Corporation AS29F040 Datasheet HTML 14Page - Alliance Semiconductor Corporation AS29F040 Datasheet HTML 15Page - Alliance Semiconductor Corporation AS29F040 Datasheet HTML 16Page - Alliance Semiconductor Corporation AS29F040 Datasheet HTML 17Page - Alliance Semiconductor Corporation AS29F040 Datasheet HTML 18Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
®
47
47
47
47
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
','#440533440$1#728233
','#440533440$1#728233
','#440533440$1#728233
','#440533440$1#728233
$65<)373
$65<)373
$65<)373
$65<)373
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
$&#SDUDPHWHUV³ZULWH#F\FOH#5
&(#FRQWUROOHG
:ULWH#ZDYHIRUP#5
&(#FRQWUROOHG
JEDEC
Symbol
Std
Symbol
Parameter
-55
-70
-90
-120
-150
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tAVAV
tWC
Write cycle time
55
-
70
-
90
-
120
-
150
-
ns
tAVEL
tAS
Address setup time
0
-
0
-
0
-
0
-
0
-
ns
tELAX
tAH
Address hold time
40
-
45
-
45
-
50
-
50
-
ns
tDVEH
tDS
Data setup time
25
-
30
-
45
-
50
-
50
-
ns
tEHDX
tDH
Data hold time
0-
0-
0-
0
-
0-
ns
tOES
Output enable setup time
0
-
0
-
0
-
0
-
0
-
ns
tOEH
Output enable hold time:
Toggle and DATA polling
10
-
10
-
10
-
10
-
10
-
ns
tGHEL
tGHEL
Read recover time before
write
0-
0-
0-
0
-
0-
ns
tWLEL
tWS
WE setup time
0-
0-
0-
0
-
0-
ns
tEHWH
tWH
WE hold time
0-
0-
0-
0
-
0-
ns
tELEH
tCP
CE pulse width
35
-
35
-
45
-
50
-
50
-
ns
tEHEL
tCPH
CE pulse width high
20
-
20
-
20
-
20
-
20
-
ns
tWHWH1
tWHWH1
Programming pulse time
15
-
15
-
15
-
15
-
15
-
µs
tWHWH2
tWHWH2
Erase operation
0.3
-
0.3
-
0.3
-
0.3
-
0.3
-
sec
Addresses
WE
OE
CE
DATA
Program address
5555h
Program address
A0h
Program
DQ7DOUT
tWC
tAS
tAH
tCP
tCPH
tDH
tDS
tWHWH1 or 2
DATA polling
data
tGHEL, tOES
tWS
tWH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com