Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SARA-R500S Datasheet(PDF) 9 Page - u-blox AG

Part # SARA-R500S
Description  LTE-M / NB-IoT modules with secure cloud
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R500S Datasheet(HTML) 9 Page - u-blox AG

Back Button SARA-R500S Datasheet HTML 5Page - u-blox AG SARA-R500S Datasheet HTML 6Page - u-blox AG SARA-R500S Datasheet HTML 7Page - u-blox AG SARA-R500S Datasheet HTML 8Page - u-blox AG SARA-R500S Datasheet HTML 9Page - u-blox AG SARA-R500S Datasheet HTML 10Page - u-blox AG SARA-R500S Datasheet HTML 11Page - u-blox AG SARA-R500S Datasheet HTML 12Page - u-blox AG SARA-R500S Datasheet HTML 13Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
SARA-R5 series - Data sheet
UBX-19016638 - R06
Functional description
Page 9 of 43
C1-Public
1.5 AT command support
The SARA-R5 series modules support AT commands according to the 3GPP standards TS 27.007 [4],
TS 27.005 [5], TS 27.010 [6], and the u-blox AT commands extension.
☞ For the complete list of all supported AT commands and their syntax, see SARA-R5 series AT
commands manual [1].
1.6 Supported features
Table 3 lists some of the main features supported by SARA-R5 series modules. For more details, see
the SARA-R5 series system integration manual [2] and SARA-R5 series AT commands manual [1].
Feature
Description
Device security
An immutable chip ID and hardware-based Root of Trust (RoT) embedded in a dedicated
Common Criteria EAL5+ high certified secure element provide foundational security and a
unique device identity.
Device security features include:
 Secure boot: guarantees software authenticity and integrity
 Secure update: secure delivery of the correct FW to the module
 Anticloning detection and rejection: system automatically identifies and blocks clones that
use the same RoT
Data security
Secure libraries allow generation of hardware-backed crypto functions and keys for local
encryption to secure local file storage and for end-to-end encryption.
Data security features include:
 Local data protection: symmetric crypto functions via AT command to locally encrypt /
decrypt and authenticate data (e.g. certificates, tokens) on the device. Allows also secure
local storage of sensitive information in a non-secure location (e.g. in “standard” device
memory)
 Local chip-to-chip (C2C) security: unique cryptographic pairing between the MCU of the
device and u-blox module by providing confidentiality, integrity, mutual authentication for
their communication channel (e.g. UART interface)
 E2E symmetric KMS: highly scalable method to provision and manage a session unique PSK
available in cloud via REST API. Up to 8 times reduction in secure communication data
overhead reducing data power consumption and costE2E data protection: encrypt data on a
device and decrypt asynchronously in cloud independent of protocols, servers, platforms or
time before reaching final destination
Access management
Allow only authenticated access to device and features, safely manage changes of device
ownership and provide out-of-the-box, simple, secure and cost effective zero touch onboarding
to popular IoT cloud platforms.
Access management features include:
 Change of ownership: efficient way to change the ownership and to apply the
policies / authorizations of the new owner, even if the device is already in the field
 Zero touch provisioning for AWS and Azure: out-of-the-box, simple, secure and cost effective
AWS and Azure onboarding
Integrated GNSS receiver 3 SARA-R510M8S modules are pre-integrated with a u-blox UBX-M8030 concurrent GNSS
chipset with SPG 3.01 firmware version, comprehensive of a dedicated GNSS antenna interface,
additional LNA and SAW filter for a highly reliable, accurate positioning data.
The GNSS system is totally independent from the LTE system and can run concurrently to a
LTE communication.
External GNSS control via
modem 4
Full access to external u-blox positioning chips and modules through DDC (I2C) interface.
This means that any host processor can control the SARA-R500S or SARA-R510S cellular
module and the u-blox positioning chip or module through a single serial port.
3 Not supported by SARA-R500S / SARA-R510S modules.
4 Not supported by SARA-R510M8S modules.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com