Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SARA-R510S Datasheet(PDF) 25 Page - u-blox AG

Part # SARA-R510S
Description  LTE-M / NB-IoT modules with secure cloud
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R510S Datasheet(HTML) 25 Page - u-blox AG

Back Button SARA-R510S Datasheet HTML 21Page - u-blox AG SARA-R510S Datasheet HTML 22Page - u-blox AG SARA-R510S Datasheet HTML 23Page - u-blox AG SARA-R510S Datasheet HTML 24Page - u-blox AG SARA-R510S Datasheet HTML 25Page - u-blox AG SARA-R510S Datasheet HTML 26Page - u-blox AG SARA-R510S Datasheet HTML 27Page - u-blox AG SARA-R510S Datasheet HTML 28Page - u-blox AG SARA-R510S Datasheet HTML 29Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
SARA-R5 series - Data sheet
UBX-19016638 - R06
Electrical specifications
Page 25 of 43
C1-Public
4.2 Operating conditions
☞ Unless otherwise indicated, all operating condition specifications are at an ambient temperature
of +25 °C.
⚠ Operation beyond the operating conditions is not recommended and extended exposure beyond
them may affect device reliability.
4.2.1
Operating temperature range
Parameter
Min.
Typ.
Max.
Unit
Remarks
Normal operating
temperature
-20
+25
+65
°C
Normal operating temperature range
(fully functional and meet 3GPP / ETSI specifications)
Extended operating
temperature
-40
+85
°C
Extended operating temperature range
(RF performance may be affected outside normal operating range,
though module is fully functional)
Table 8: Environmental conditions
4.2.2 Supply/power pins
Symbol
Parameter
Min.
Typical
Max.
Unit
VCC
Module supply normal operating input voltage 9
3.3
3.8
4.4
V
Module supply extended operating input voltage 10
3.0
4.5
V
Table 9: Input characteristics of the Supply/Power pins
Symbol
Parameter
Min.
Typical
Max.
Unit
VSIM
SIM supply output voltage with 1.8 V external SIM
1.8
V
SIM supply output voltage with 3.0 V external SIM
3.0
V
V_INT
Generic Digital Interfaces supply output voltage
1.8
V
I_INT
Generic Digital Interfaces supply output current capability
70
mA
Table 10: Output characteristics of the Supply/Power pins
9 Occasional deviations from 3GPP / ETSI specifications may occur if the VCC voltage is outside normal operating range limits.
10 The switch-on and general operations of the module are guaranteed only if the VCC voltage is within the extended operating
range limits. Module may switch off when the VCC voltage drops below the extended operating range minimum limit.
11 Typical values with matched antenna, VCC = 3.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com