Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ASM706CPAF Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # ASM706CPAF
Description  Low Power uP Supervisor Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM706CPAF Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button ASM706CPAF Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM706CPAF Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM706CPAF Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM706CPAF Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM706CPAF Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM706CPAF Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM706CPAF Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM706CPAF Datasheet HTML 12Page - Alliance Semiconductor Corporation ASM706CPAF Datasheet HTML 13Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ASM705 / 706 / 707 / 708
9 of 16
Notice: The information in this document is subject to change without notice
Low Power µP Supervisor Circuits
ASM813L
rev 1.5
February 2005
Notes 1: RESET (ASM705/6/7/8), RESET(ASM707/8, ASM813L)
Watchdog Timeout
Period
tWD
ASM705/6/813L
1.00
1.60
2.25
s
WDI Pulse Width
tWP
VIL = 0.4V, VIH=0.8VCC,
50
ns
WDI Input Threshold
VIH
ASM705/706/813L, VCC = 5V
3.5
V
VIL
0.8
WDI Input Current
ASM705/6/813L, WDI = VCC
50
150
µA
ASM705/6/813L, WDI = 0V
-150
-50
WDO Output Voltage
VOH
ASM705/6/813L, ISOURCE = 800µA
VCC - 1.5
V
VOL
ASM705/6/813L, ISINK = 1.2mA
0.4
PFI Input Threshold
VCC = 5V
1.2
1.25
1.3
V
PFI Input Current
-25
0.01
25
nA
PFO Output Voltage
VOH
ISOURCE = 800µA
VCC - 1.5
V
VOL
ISINK = 3.2mA
0.4
Parameter
Symbol
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com