Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MM3661 Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # MM3661
Description  The quasi resonant control IC for AC-DC converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3661 Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  MM3661 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM3661 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM3661 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM3661 Datasheet HTML 4Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
The quasi resonant control IC for AC-DC converter MM3661 Series
Block Diagram
GND
VDD
GATE
HV
PSTB
FB
CS
DMG
PCHG
5V
5V
Min_ON
Max_ON
F-Blank
×4.8
S/H
Delay
Latch
Latch
UVLO
REG
Driver
FF
S
RQ
Time_out
500ns
9µs
50µs
200ms
Delay
120µs
OCP
60mV
0.5V
OFF_FB
0.5V
FB
2.5V
OVP
26V
Delay
120µs
OVP
8V
DMG
Delay
280ms
OLP
4V
230V
5V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com