Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ASM1233D Datasheet(PDF) 10 Page - Alliance Semiconductor Corporation

Part # ASM1233D
Description  Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM1233D Datasheet(HTML) 10 Page - Alliance Semiconductor Corporation

Back Button ASM1233D Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM1233D Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM1233D Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM1233D Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM1233D Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM1233D Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM1233D Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM1233D Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM1233D Datasheet HTML 11Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ASM1233D-L/D/M
10 of 11
Notice: The information in this document is subject to change without notice
Low Power, 5V/3.3V, µP Reset, Active LOW, Open-Drain Output
rev 1.3
March 2005
Ordering Information
Part Number**
RESET
Output
Voltage
RESET
Tolerance
RESET
Time
Open
Drain
Output
Stage*
RESET
Polarity
Package
Package Marking
TIN - LEAD DEVICES
ASM1233D-L-5
3.06
5%
350 ms
LOW
3L TO-92
ASM1233D-L-5
ASM1233D-L-10
2.88
10%
350 ms
LOW
3L TO-92
ASM1233D-L-10
ASM1233D-L-15
2.72
15%
350 ms
LOW
3L TO-92
ASM1233D-L-15
ASM1233D-LZ-5
3.06
5%
350 ms
LOW
4L SOT-223
RVLL
ASM1233D-LZ-10
2.88
10%
350 ms
LOW
4L SOT-223
RWLL
ASM1233D-LZ-15
2.72
15%
350 ms
LOW
4L SOT-223
RXLL
ASM1233D-5
4.625
5%
350 ms
LOW
3L TO-92
ASM1233D-5
ASM1233D-10
4.375
10%
350 ms
LOW
3L TO-92
ASM1233D-10
ASM1233D-15
4.125
15%
350 ms
LOW
3L TO-92
ASM1233D-15
ASM1233DZ-5
4.625
5%
350 ms
LOW
4L SOT-223
RSLL
ASM1233DZ-10
4.375
10%
350 ms
LOW
4L SOT-223
RTLL
ASM1233DZ-15
4.125
15%
350 ms
LOW
4L SOT-223
RULL
ASM1233M-55
4.625
5%
350 ms
LOW
3L TO-92
ASM1233M-55
ASM1233M-5
4.375
10%
350 ms
LOW
3L TO-92
ASM1233M-5
ASM1233M-3
2.72
15%
350 ms
LOW
3L TO-92
ASM1233M-3
ASM1233MS-55
4.625
5%
350 ms
LOW
8L SOIC
ASM1233MS-55
ASM1233MS-5
4.38
10%
350 ms
LOW
8L SOIC
ASM1233MS-5
ASM1233MS-3
2.72
15%
350 ms
LOW
8L SOIC
ASM1233MS-3
LEAD FREE DEVICES
ASM1233D-L-5F
3.06
5%
350 ms
LOW
3L TO-92
ASM1233D-L-5F
ASM1233D-L-10F
2.88
10%
350 ms
LOW
3L TO-92
ASM1233D-L-10F
ASM1233D-L-15F
2.72
15%
350 ms
LOW
3L TO-92
ASM1233D-L-15F
ASM1233D-LZ-5F
3.06
5%
350 ms
LOW
4L SOT-223
KVLL
ASM1233D-LZ-10F
2.88
10%
350 ms
LOW
4L SOT-223
KWLL
ASM1233D-LZ-15F
2.72
15%
350 ms
LOW
4L SOT-223
KXLL
ASM1233D-5F
4.625
5%
350 ms
LOW
3L TO-92
ASM1233D-5F
ASM1233D-10F
4.375
10%
350 ms
LOW
3L TO-92
ASM1233D-10F
ASM1233D-15F
4.125
15%
350 ms
LOW
3L TO-92
ASM1233D-15F
ASM1233DZ-5F
4.625
5%
350 ms
LOW
4L SOT-223
KSLL
ASM1233DZ-10F
4.375
10%
350 ms
LOW
4L SOT-223
KTLL
ASM1233DZ-15F
4.125
15%
350 ms
LOW
4L SOT-223
KULL
ASM1233M-5F
4.375
5%
350 ms
LOW
3L TO-92
ASM1233M-5F
ASM1233M-55F
4.625
10%
350 ms
LOW
3L TO-92
ASM1233M-55F
ASM1233M-3F
2.72
15%
350 ms
LOW
3L TO-92
ASM1233M-3F
ASM1233MS-5F
4.38
5%
350 ms
LOW
8L SOIC
ASM1233MS-5F
ASM1233MS-55F
4.625
10%
350 ms
LOW
8L SOIC
ASM1233MS-55F
ASM1233MS-3F
2.72
15%
350 ms
LOW
8L SOIC
ASM1233MS-3F



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com