Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MMBD4448SDW Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # MMBD4448SDW
Description  Silicon Epitaxial Planar Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

MMBD4448SDW Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  MMBD4448SDW Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MMBD4448SDW Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MMBD4448SDW Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMBD4448SDW
SOT-363
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Fast Switching Diode
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Peak Reverse Voltage
VRM
100
V
Reverse Voltage
VR
80
V
Average Rectified Forward Current
IF(AV)
150
mA
Forward Continuous Current
IFM
300
mA
Non-Repetitive Peak Forward Surge Current (at t = 1 µs)
IFSM
0.5
A
Power Dissipation
Pd
200
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
Tstg
- 65 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
Forward Voltage
at IF = 5 mA
at IF = 10 mA
at IF = 100 mA
at IF = 150 mA
VF
0.62
-
-
-
0.72
0.855
1
1.25
V
Reverse Leakage Current
at VR = 80 V
at VR = 20 V
at VR = 75 V, TJ = 150 OC
at VR = 25 V, TJ = 150 OC
IR
-
-
-
-
100
25
50
30
nA
nA
µA
µA
Reverse Breakdown Voltage
at IR = 100 µA
V(BR)R
80
-
V
Total Capacitance
at VR = 0.5 V, f = 1 MHz
Ctot
-
4
pF
Reverse Recovery Time
at IF = IR = 10 mA, Irr = 0.1 X IR , RL = 100 Ω
trr
-
4
ns
1
2
3
4
6
5
1. A1 2. C1 3. AC2
4. A2 5. C2 6. AC1
Silicon Epitaxial Planar Switching Diode
Simplified outline(SOT-363)


Similar Part No. - MMBD4448SDW

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
MMBD4448SDW TEL-MMBD4448SDW Datasheet
60Kb / 1P
Plastic-Encapsulated Diode
MMBD4448SDW TEL-MMBD4448SDW Datasheet
121Kb / 2P
Plastic-Encapsulate Diode
logo
SHENZHEN YONGERJIA INDU...
MMBD4448SDW WINNERJOIN-MMBD4448SDW Datasheet
133Kb / 2P
Fast Switching Speed
logo
Diotec Semiconductor
MMBD4448SDW DIOTEC-MMBD4448SDW Datasheet
127Kb / 2P
Bridge Configuration
MMBD4448SDW DIOTEC-MMBD4448SDW Datasheet
184Kb / 2P
SMD Small Signal Diode Arrays
More results

Similar Description - MMBD4448SDW

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BAV70W SEMTECH_ELEC-BAV70W Datasheet
287Kb / 2P
SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
Zowie Technology Corpor...
1N4148WSGH ZOWIE-1N4148WSGH_11 Datasheet
140Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Olitech Electronics Co....
BAS35 OLITECH-BAS35 Datasheet
515Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Nanjing International G...
MMBD914 DGNJDZ-MMBD914 Datasheet
277Kb / 2P
Silicon Epitaxial Planar Switching Diode
MMBD4148 DGNJDZ-MMBD4148 Datasheet
98Kb / 2P
Silicon Epitaxial Planar Switching Diode
logo
Dongguan Pingjingsemi T...
1SS355 PJSEMI-1SS355 Datasheet
407Kb / 3P
Silicon Epitaxial Planar Switching Diode
MMBD7000 PJSEMI-MMBD7000 Datasheet
590Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
DONGGUAN YOU FENG WEI E...
BAV70DW YFWDIODE-BAV70DW Datasheet
342Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
SHIKUES Electronics
1SS352 SKTECHNOLGY-1SS352 Datasheet
398Kb / 3P
Silicon Epitaxial Planar Switching Diode
KDS160 SKTECHNOLGY-KDS160 Datasheet
1Mb / 3P
Silicon Epitaxial Planar Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com