Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST102-CS Datasheet(PDF) 2 Page - DFI Inc

Part # ST102-CS
Description  8th/9th Gen Intel Core Processor Desktop Box PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ST102-CS Datasheet(HTML) 2 Page - DFI Inc

  ST102-CS Datasheet HTML 1Page - DFI Inc ST102-CS Datasheet HTML 2Page - DFI Inc ST102-CS Datasheet HTML 3Page - DFI Inc ST102-CS Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ST102-CS
Specifications
SYSTEM
Processor
9th Generation Intel® Core™ Processors, LGA 1151 Socket, TDP up to 35W
Intel® Core i7-9700TE Processor (Core 8; Max speed 3.8 GHz; TDP 35W)
Intel® Core i5-9500TE Processor (Core 6; Max speed 3.6 GHz; TDP 35W)
Intel® Core i3-9100TE Processor (Core 4; Max speed 3.2 GHz; TDP 35W)
8th Generation Intel® Core™ Processors, LGA 1151 Socket, TDP up to 35W
Intel® Core™ i7-8700T Processor (Core 6; Max speed 4.0 GHz; TDP 35W)
Intel® Core™ i5-8500T Processor (Core 6; Max speed 3.5 GHz; TDP 35W)
Intel® Core™ i3-8100T Processor (Core 4; Max speed 3.1 GHz; TDP 35W)
Intel® Celeron G4900T Processor (Core 2; Max speed 2.9 GHz; TDP 35W)
Chipset
Intel® H310/Q370 Chipset
Memory
Two 260-pin SODIMM up to 32GB
Dual Channel DDR4 2666MHz
BIOS
AMI SPI 128Mbit
GRAPHICS
Controller
Intel® UHD Graphics 630 (only Pentium G5400, Celeron G4900 support 610)
Feature
OpenGL 4.4, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9, JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: AVC/H.264, MPEG2, JPEG, HEVC/H265, VP8, VP9
Display
1 x LVDS/eDP (eDP available upon request)
1 x HDMI
2 x DP++
LVDS: resolution up to 1920x1200 @ 60Hz
eDP: resolution up to 4096x2304 @ 60Hz
HDMI: resolution up to 4096x2160 @ 60Hz
DP1.2: resolution up to 4096x2304 @ 60Hz
Triple Displays
2 x DP++ & 1 x HDMI
STORAGE
1 x 2.5" SATA bay, anti-vibration
EXPENSION
1 x Full-Size mini PCIe mSATA
1 x m.2 2280 mKey (PCIe x 4/SATA) Support NV memory and Intal Optane memory
1 x m.2 2230 EKey (USB/PCIe)
AUDIO
Audio Codec
Realtek ALC888S-VD2-GR
ETHERNET
Controller
1 x Intel® I210AT PCIe (10/100/1000Mbps)
1 x Intel® I219LM PCIe with iAMT11.0 (10/100/1000Mbps)
LED
Indicators
1 x Power LED
1 x HDD LED
FRONT I/O
USB
2 x USB 2.0 (X100-USB2)
Audio
1 x Line-out
1 x Mic-in (via cable to external interface from on board pin-header)
Buttons
1 x Power Button
ODD
Slim ODD (optional).
REAR I/O
Ethernet
2 x GbE (RJ-45)
USB
4 x USB 3.1
Display
2 x DP++
1 x HDMI
Antenna
2x antenna opening
COOLING
Fan
1 x System Fan
1 x CPU Fan
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
POWER
Type
12V
Connector
DC Jack
OS SUPPORT
Windows 10 IoT Enterprise
MECHANISM
Construction
Metal chassis + Aluminum front bezel
Kensington lock
Mounting
Wall mount
Dimensions ( W x H x D)
219mm x 75.15mm x 229.7mm (without of stand holder)
Weight
2.55 kg
ENVIRONMENT
Operating Temperature
-5 to 55°C
Storage Temperature
-20 to 70°C
Relative Humidity
Operating: 10 to 85% (non-condensing)
Storage: 10% to 90% (non-condensing)
STANDARDS AND
CERTIFICATIONS
Shock
Operating: 3G
Non-operating: 5G
Vibration
Operating: Random 5~500Hz 1G
Non-operating: Sweep Sine 10~500Hz 1.5G
Package Drop
ISTA Project 1A
Certification
CE/FCC class B
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © August 27, 2020 DFI Inc.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com