Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M1E2G4SPI35-SX-R Datasheet(PDF) 4 Page - Silicom Ltd.

Part # M1E2G4SPI35-SX-R
Description  Quad Port SFP Gigabit Ethernet Express Module Server Adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

M1E2G4SPI35-SX-R Datasheet(HTML) 4 Page - Silicom Ltd.

  M1E2G4SPI35-SX-R Datasheet HTML 1Page - Silicom Ltd. M1E2G4SPI35-SX-R Datasheet HTML 2Page - Silicom Ltd. M1E2G4SPI35-SX-R Datasheet HTML 3Page - Silicom Ltd. M1E2G4SPI35-SX-R Datasheet HTML 4Page - Silicom Ltd. M1E2G4SPI35-SX-R Datasheet HTML 5Page - Silicom Ltd. M1E2G4SPI35-SX-R Datasheet HTML 6Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Silicom Ltd. Connectivity Solutions
Page
4
Optical Receive Sensitivity:
Maximum: -20 dBm
Operating Systems Support
Operating system support:
Windows
Linux
VMware
General Technical Specifications
Interface Standard:
PCI ExpressModule Specification revision 1.0
Silicom SETAC
PCI-Express Base Specification Revision 2.1 ( 5 GTs)
Board Size:
168.2mm x 98mm (6.62”X3.858”)
PCI Express Card Type:
X8
PCI Voltage:
+12V ± 15%
PCI Express Connector:
Gold Finger: x8
Controller:
Intel i350AM4
Holder:
Not included.
I/O:
4 x SFP located on edge of the board
Operating Temperature:
-5°C
– 40°C (23°F – 104°F)
Storage Temperature:
-40°C
–65°C (-40°F–149°F)
EMC Certifications:
FCC Part 15, Subpart B Class A
Conducted Emissions
Radiated Emissions
CE EN 55022: 1998 Class A Amendments A1: 2000; A2: 2003
Conducted Emissions
Radiated Emissions
CE EN 55024: 1998 Amendments A1: 2000; A2: 2003
Immunity for ITE Amendment A1: 2001
CE EN 61000-3-2 2000, Class A
Harmonic Current Emissions
CE EN 61000 3-3 1995, Amendment A1: 2001
Voltage Fluctuations and Flicker
CE IEC 6100-4-2: 1995



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com