Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB-2405/2AI Datasheet(PDF) 1 Page - Adlink Technology Inc.

Part # USB-2405/2AI
Description  2 or 4-ch 24-bit 128kS/s Dynamic Signal Acquisition USB 2.0 Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADLINK [Adlink Technology Inc.]
Direct Link  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

USB-2405/2AI Datasheet(HTML) 1 Page - Adlink Technology Inc.

  USB-2405/2AI Datasheet HTML 1Page - Adlink Technology Inc. USB-2405/2AI Datasheet HTML 2Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Introduction
The USB-2405 is a 24-bit high-performance dynamic signal
acquisition USB module equipped with 2 or 4 analog input channels
providing simultaneous sampling at up to 128 kS/s per channel.
The USB-2405 also features software-selectable AC or DC coupling
input configuration and built-in high precision 2 mA excitation
current to measure integrated electronic piezoelectric (IEPE)
sensors such as accelerometers and microphones.
The USB-2405 delivers high precision, DC and dynamic
measurement performance with very low temperature drift.
The onboard 24-bit Sigma-Delta ADC supports anti-aliasing filtering,
suppressing modulator and signal out-of-band noise and providing
usable signal bandwidth of the Nyquist rate, making it ideal for
high dynamic range signal measurement in vibration and acoustic
applications.
The USB-2405 supports digital and analog trigger sources and
flexible trigger modes, including post, delay, middle, gated, and
pre-triggering for efficient data acquisition with no need for post-
processing. The USB-2405 is USB bus-powered and equipped with
BNC connectors and removable spring terminals for easy device
connectivity.
Driver and SDK
●
MAPS Core, LabVIEW, C/C++, Visual Studio.NET
Supported Operating System
●
Windows 7/10
●
Linux
Features
●
Hi-Speed USB 2.0
●
USB bus powered
●
24-bit Sigma-Delta ADC with built-in anti-aliasing filter
●
2 or 4-ch simultaneous sampling analog inputs, up to 128kS/s
●
AC or DC input coupling, software selectable
●
Analog or digital triggering
●
Supports 2mA excitation output on each analog input channel
for IEPE sensor measurement
●
Full auto-calibration
Software Utility
●
ADLINK Connection Explorer (ACE)
Device management utility
(Install MAPS Core from driver download)
●
U-Test
Ready-to-use functional testing utility
●
Phoenix GM Lite (Orderable)
Machine Condition Monitoring Software
Ordering Information
●
USB-2405/S
4-CH 24-Bit 128kS/s Dynamic Signal Acquisition USB 2.0 Module
●
USB-2405/2AI
2-CH 24-Bit 128kS/s Dynamic Signal Acquisition USB 2.0 Module
●
USB-2405/OEM
4-CH 24-Bit 128kS/s Dynamic Signal Acquisition USB 2.0 Module,
OEM board-level version, no enclosure
Standard Shipped Accessories
●
4-pin removable spring terminal
●
2 m USB Type A to USB Mini-B cable with lockable connector
●
Module stand
●
Rail-mount kit
Optional Accessories
●
Phoenix GM Lite
License Key for Phoenix GM Lite
●
ICP Accelerometer IMI_603C01
ICP Accelerometer IMI_603C01, 100mV/g, 0.5 to 10kHz, 2-pin
conn. w/ 10-ft cable and magnetic mount
USB-2405 Series
2 or 4-ch 24-bit 128kS/s Dynamic Signal Acquisition USB 2.0 Module
USB-2405/S
USB-2405/2AI


Similar Part No. - USB-2405/2AI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB-2405 ETC2-USB-2405 Datasheet
792Kb / 2P
4-CH 24-Bit 128kS/s Dynamic Signal Acquisition USB 2.0 Module
More results

Similar Description - USB-2405/2AI

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PCI-4474 NI-PCI-4474 Datasheet
362Kb / 4P
24-Bit, 102.4 kS/s, 8 and 4-Channel Dynamic Signal Acquisition
4461 NI-4461 Datasheet
754Kb / 6P
24-Bit, 204.8 kS/s Dynamic Signal Acquisition and Generation
logo
List of Unclassifed Man...
USB-2405 ETC2-USB-2405 Datasheet
792Kb / 2P
4-CH 24-Bit 128kS/s Dynamic Signal Acquisition USB 2.0 Module
logo
Advantech Co., Ltd.
EXM-522 ADVANTECH-EXM-522 Datasheet
595Kb / 1P
PCIe to 2-Ch USB 2.0 Port Module
logo
Adlink Technology Inc.
PCI-9527 ADLINK-PCI-9527 Datasheet
222Kb / 2P
24-Bit High-Resolution Dynamic Signal Acquisition and Generation Modules
logo
Advantech Co., Ltd.
USB-5801 ADVANTECH-USB-5801 Datasheet
359Kb / 1P
4-ch, 24-bit, 192 kS/s Dynamic Signal Acquisition USB 3.0 I/O Module
EXM-540 ADVANTECH-EXM-540 Datasheet
595Kb / 1P
PCIe to 4-Ch USB 2.0 Port Module
24-Feb-2016
PCIE-1802 ADVANTECH-PCIE-1802 Datasheet
407Kb / 1P
8-Ch, 24-Bit, 216 kS/s Dynamic Signal Acquisition PCI Express Card
7-Jan-2020
IDAQ-801 ADVANTECH-IDAQ-801 Datasheet
184Kb / 1P
4-ch, 24-bit, 256kS/s/ch, DSA iDAQ Module
25-Aug-2021
PCIE-1803 ADVANTECH-PCIE-1803 Datasheet
510Kb / 1P
8-ch, 24-bit, 128 kS/s Dynamic Signal Acquisition PCI Express Card
13-Jan-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com