Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WIZFI310 Datasheet(PDF) 10 Page - WIZnet Co., Ltd

Part # WIZFI310
Description  small size wireless module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

WIZFI310 Datasheet(HTML) 10 Page - WIZnet Co., Ltd

Back Button WIZFI310 Datasheet HTML 6Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 7Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 8Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 9Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 10Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 11Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 12Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 13Page - WIZnet Co., Ltd WIZFI310 Datasheet HTML 14Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2. Electrical Specification
2.1 General specification
o
10 / 16
WizFi310 Datasheet Version1.0.0 (OCT 2016)
ITEMS
CONTENTS
Operating frequency
2.400 ~ 2.4835Ghz
WiFi standard
802.11b/g/n
Modulation
11b: DBPSK,DQPSK and CCK and DSSS
11g: BPSK,QPSK16Qam,64QAM and OFDM
11n: MCSO-15 OFD
Data rates
11b: 1,2,5.5 and 11Mbps
11g:6,9,12,18,24,36,48, and 54Mbps
11n:MCSO-15, up to 150Mbps
Host interface
UART
Demension
Typical (L x W): 21mm x 18mm
Operation Temperature
-20°C to +85°C
Storage Temperature
-55°C to +125°C
Operation Voltage
3.3V±0.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com