Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PF0341A Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # PF0341A
Description  MOS FET Power Amplifier Module for UHF Band
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

PF0341A Datasheet(HTML) 4 Page - Hitachi Semiconductor

  PF0341A Datasheet HTML 1Page - Hitachi Semiconductor PF0341A Datasheet HTML 2Page - Hitachi Semiconductor PF0341A Datasheet HTML 3Page - Hitachi Semiconductor PF0341A Datasheet HTML 4Page - Hitachi Semiconductor PF0341A Datasheet HTML 5Page - Hitachi Semiconductor PF0341A Datasheet HTML 6Page - Hitachi Semiconductor PF0341A Datasheet HTML 7Page - Hitachi Semiconductor PF0341A Datasheet HTML 8Page - Hitachi Semiconductor PF0341A Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PF0341A Series
4
Characteristics Curve
4
0
6
Frequency f (MHz)
Pin = 20 mW
VDD = 9.6 V
VPC = 3.5 V
Tc = 25 °C
360
Pout vs. Frequency (1)
10
380
400
420
440
460
480
500
520
8
2
PF0345A
512 MHz
PF0345A
PF0341A
PF0340A
PF0342A
PF0343A
PF0344A
PF0341A
PF0342A
PF0340A
PF0343A
PF0344A
1
0
1.5
Frequency f (MHz)
Pin = 20 mW
VDD = 4.8 V
VPC = 3.5 V
Tc = 25 °C
360
Pout vs. Frequency (2)
3
380
400
420
440
460
480
500
520
2.5
0.5
PF0345A
512 MHz
PF0341A
PF0340A
PF0342A
PF0343A
PF0344A
2
PF0345A
PF0341A
PF0340A
PF0342A
PF0343A
PF0344A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com