Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SM22P-CFAST Datasheet(PDF) 3 Page - Apacer Technology Inc.

Part # SM22P-CFAST
Description  Advanced 4K Page Mapping Technology,
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

SM22P-CFAST Datasheet(HTML) 3 Page - Apacer Technology Inc.

  SM22P-CFAST Datasheet HTML 1Page - Apacer Technology Inc. SM22P-CFAST Datasheet HTML 2Page - Apacer Technology Inc. SM22P-CFAST Datasheet HTML 3Page - Apacer Technology Inc. SM22P-CFAST Datasheet HTML 4Page - Apacer Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications
Model
SM22P-CFast
Interface
SATA 3.0 (6Gb/s)
Connector
(7+17) pin female
Form Factor
CFast
NAND Flash Type
MLC
Capacity
8GB~128GB
External DRAM
Yes
Sustained Read Performance (MB/sec)
Up to 475
Sustained Write Performance (MB/sec)
Up to 85
ECC Engine
Built-in 72-bit per 1K bytes BCH ECC
IOPS (4K Random Write)
16K
Standard Operating Temperature ( °C )
0 ~ + 70
Storage Temperature ( °C )
-40 ~ + 100
Thermal Sensor
Optional
Shock
Operation: 50G, 11ms
Non-operation: 1500G, 0.5ms
Vibration
Operation: 7.69 Grms, 20~2000 Hz/random
(compliant with MIL-STD-810G)
Non-operation: 15 G, 10 ~ 2000 Hz/sine
Operating Voltage
3.3V ± 5% (3.135-3.465V)
Power Consumption
Active mode: 610 mA / Idle mode: 140 mA
Dimension (L x W x H )
36.4 mm x 42.8 mm x 3.6mm
MTBF (hours)
>1,000,000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com