Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IIS3DHHC Datasheet(PDF) 2 Page - STMicroelectronics

Part # IIS3DHHC
Description  High-resolution, high-stability 3-axis digital accelerometer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS3DHHC Datasheet(HTML) 2 Page - STMicroelectronics

  IIS3DHHC Datasheet HTML 1Page - STMicroelectronics IIS3DHHC Datasheet HTML 2Page - STMicroelectronics IIS3DHHC Datasheet HTML 3Page - STMicroelectronics IIS3DHHC Datasheet HTML 4Page - STMicroelectronics IIS3DHHC Datasheet HTML 5Page - STMicroelectronics IIS3DHHC Datasheet HTML 6Page - STMicroelectronics IIS3DHHC Datasheet HTML 7Page - STMicroelectronics IIS3DHHC Datasheet HTML 8Page - STMicroelectronics IIS3DHHC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
1
Pin description
Figure 1. Pin connections
X
Y
Z
(TOP VIEW)
DIRECTION OF THE
DETECTABLE
ACCELERATIONS
1
TOP
VIEW
2
1
16
15
3
14
13
12
11
4
10
9
8
SDI
SPC
Connect to GND
or leave unconnected
Connect to GND
or leave unconnected
7
6
5
VDDIO
VDD
GND
Connect to GND
Table 1. Pin description
Pin#
Name
Function
1
SPC
Clock line for SPI 4-wire interface (SPC)
2
SDI
Serial data input (SDI) line for SPI 4-wire interface
3
SDO
Serial data output (SDO) line for SPI 4-wire interface
4
CS
SPI chip-select line (CS)
5
INT2
Programmable interrupt 2 generated according to a configurable FIFO threshold in a dedicated register
6
INT1
Programmable interrupt 1 generated according to a configurable FIFO threshold in a dedicated register
7
Vdd_IO
Power supply for I/O pins
Recommended power supply decoupling capacitor (100 nF)
8
Vdd
Power supply
Recommended power supply decoupling capacitors (100 nF ceramic in parallel with 10 µF aluminum)
9
GND
0 V power supply
10
Reserved
Connect to GND
11
Reserved
Connect to GND
12
Reserved
Connect to GND
13
Reserved
Connect to GND
14
Reserved
Connect to GND or leave unconnected
15
Reserved
Connect to GND or leave unconnected
16
Reserved
Connect to GND or leave unconnected
IIS3DHHC
Pin description
DS12292 - Rev 3
page 2/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com