Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CSA968 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSA968
Description  PNP PLASTIC POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSA968 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSA968 Datasheet HTML 1Page - Continental Device India Limited CSA968 Datasheet HTML 2Page - Continental Device India Limited CSA968 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 3
CSA968, 968A, 968B
PNP PLASTIC POWER TRANSISTORS
Complementary CSC2238, 2238A, 2238B
Power Amplifier Applications and Driver Stage Amplifier Applications
ABSOLUTE MAXIMUM RATINGS
968 968A 968B
Collector-base voltage (open emitter)
VCBO
max. 160 180 200
V
Collector-emitter voltage (open base)
VCEO
max. 160 180 200
V
Collector current
IC
max.
1.5
A
Total power dissipation up to TC = 25°C
Ptot
max.
25
W
Junction temperature
Tj
max.
150
°C
Collector-emitter saturation voltage
IC = 500 mA; IB = 50 mA
VCEsat max.
1.5
V
D.C. current gain
IC = 100 mA; VCE = 5 V
hFE
min
70
max.
240
RATINGS (at TA=25°C unless otherwise specified)
Limiting values
968 968A 968B
Collector-base voltage (open emitter)
VCBO
max. 160 180 200
V
Collector-emitter voltage (open base)
VCEO
max. 160 180 200
V
Emitter-base voltage (open collector)
VEBO
max.
5.0
V
CSA968, CSA968A, CSA968B
PIN CONFIGURATION
1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
B
1 23
J
M
G
D
F
E
C
DIM
MIN .
MAX.
A
14.42
16.51
B
9.63
10.67
C
3.56
4.83
D0.90
E
1.15
1.40
F
3.75
3.88
G
2.29
2.79
H
2.54
3.43
J0.56
K
12.70
14.73
L
2.80
4.07
M
2.03
2.92
N
31.24
ODEG 7
1
2
3
4
TO-220 Plastic Package
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


Similar Part No. - CSA968

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
CSA968 RECTRON-CSA968 Datasheet
76Kb / 3P
TO-220 - Power Transistors and Darlingtons
More results

Similar Description - CSA968

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6486 BOCA-2N6486 Datasheet
26Kb / 2P
NPN/PNP PLASTIC POWER TRANSISTORS
logo
List of Unclassifed Man...
BD202 ETC-BD202 Datasheet
26Kb / 3P
PNP PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
CSB631 CDIL-CSB631 Datasheet
125Kb / 3P
PNP PLASTIC POWER TRANSISTORS
CSB857 CDIL-CSB857 Datasheet
82Kb / 3P
PNP / NPN PLASTIC POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
BD136 TEL-BD136 Datasheet
53Kb / 2P
PNP PLASTIC POWER TRANSISTORS
BDX33 TEL-BDX33 Datasheet
100Kb / 3P
NPN/PNP PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
CSA1220 CDIL-CSA1220 Datasheet
150Kb / 3P
PNP PLASTIC POWER TRANSISTORS
MJE170 CDIL-MJE170 Datasheet
556Kb / 3P
PNP PLASTIC POWER TRANSISTORS
BF470 CDIL-BF470 Datasheet
127Kb / 3P
PNP PLASTIC POWER TRANSISTORS
BDX33 CDIL-BDX33 Datasheet
188Kb / 4P
NPN/PNP PLASTIC POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com