Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NCP5331 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP5331
Description  Two-Phase PWM Controller with Integrated Gate Drivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5331 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP5331 Datasheet HTML 1Page - ON Semiconductor NCP5331 Datasheet HTML 2Page - ON Semiconductor NCP5331 Datasheet HTML 3Page - ON Semiconductor NCP5331 Datasheet HTML 4Page - ON Semiconductor NCP5331 Datasheet HTML 5Page - ON Semiconductor NCP5331 Datasheet HTML 6Page - ON Semiconductor NCP5331 Datasheet HTML 7Page - ON Semiconductor NCP5331 Datasheet HTML 8Page - ON Semiconductor NCP5331 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
NCP5331
http://onsemi.com
3
Figure 1. Application Diagram, 12 V to 1.2 V at 52 A, 200 kHz for 64-Bit AMD Athlon Processor
Recommended Components:
Q1, Q4: ON Semiconductor NTD60N03 (60 A, 28 V, 6.1 m
Ω)
Q5
−Q9: ON Semiconductor NTD80N02 (80 A, 24 V, 5.0 mΩ)
L1, L2: Coiltronics CTX22-15274 or T50-8B/90 w/ 6 T of #16
AWG Bifilar (1 m
Ω)
L3: Coiltronics CTX15-14771 or T30-26 w/ 3 T of #16 AWG
CIN: 5 × Rubycon 16MBZ1500M10X20 (1500 µF, 16 V, 2.55 ARMS)
CO1: 10
× Rubycon 16MBZ1000M10X16 (1000 µF, 16 V, 19 mΩ)
CO2: 24
× TDK C2012X5R0J106M (10 µF, 6.3 V, 0805)
CO3: 16
× TDK C1608X5R1A224KT (0.22 F, 10 V, 0603)
CO4: 2
× Sanyo PosCAP 6TPD330M (330 µF, 6.3 V, 10 mΩ, 4.4 ARMS)
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com