Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STTH2003CT Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STTH2003CT
Description  Hight frequency secondary rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STTH2003CT Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STTH2003CT Datasheet HTML 1Page - Inchange Semiconductor Company Limited STTH2003CT Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
Hight frequency secondary rectifier
STTH2003CT
FEATURES
·
Guarding for over voltage protection
·
Combines highest recovery
and reverse voltage performance
·
Ultra-fast, soft and noise-free recovery
·
Low forward voltage,high efficiency
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Switching power supply
·
Power switching circuits
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
300
V
IF(AV)
Average Rectified Forward Current Per Leg
Total
device
10
20
A
IFSM
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions half-
wave, single phase, 60Hz)
110
A
TJ
Junction Temperature
175
℃
Tstg
Storage Temperature Range
-65-175
℃


Similar Part No. - STTH2003CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH2003CT STMICROELECTRONICS-STTH2003CT Datasheet
132Kb / 8P
HIGH FREQUENCY SECONDARY RECTIFIER
Aug-2003
STTH2003CT STMICROELECTRONICS-STTH2003CT Datasheet
145Kb / 11P
Hight frequency secondary rectifier
26-Mar-2007
STTH2003CT STMICROELECTRONICS-STTH2003CT Datasheet
369Kb / 16P
300 V ultrafast rectifier
07-Aug-2018
More results

Similar Description - STTH2003CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH12003TV STMICROELECTRONICS-STTH12003TV Datasheet
57Kb / 5P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH16003TV STMICROELECTRONICS-STTH16003TV Datasheet
55Kb / 5P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH20003TV STMICROELECTRONICS-STTH20003TV Datasheet
132Kb / 7P
HIGH FREQUENCY SECONDARY RECTIFIER
05-Sep-2006
STTH2003CT STMICROELECTRONICS-STTH2003CT Datasheet
132Kb / 8P
HIGH FREQUENCY SECONDARY RECTIFIER
Aug-2003
STTH3003CW STMICROELECTRONICS-STTH3003CW Datasheet
55Kb / 5P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH30R03CW STMICROELECTRONICS-STTH30R03CW Datasheet
78Kb / 6P
HIGH FREQUENCY SECONDARY RECTIFIER
Jul-2002
STTH803D STMICROELECTRONICS-STTH803D Datasheet
92Kb / 6P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH16003 STMICROELECTRONICS-STTH16003 Datasheet
110Kb / 7P
High frequency secondary rectifier
25-Jun-2008
STTH2003C STMICROELECTRONICS-STTH2003C Datasheet
145Kb / 11P
Hight frequency secondary rectifier
26-Mar-2007
STTH20L03CT STMICROELECTRONICS-STTH20L03CT Datasheet
177Kb / 9P
High frequency secondary rectifier
22-Jun-2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com