Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BES02TC Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BES02TC
Description  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES02TC Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BES02TC Datasheet HTML 1Page - Balluff Korea Ltd. BES02TC Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Inductive Sensors
BES IKU-011-P-1-S-S4-SA1
Order Code: BES02TC
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 2679
ETIM 6.0: EC002714
BES02TC_0.23_2020-03-05
2 / 2
Material
Housing material
Plastic
Material sensing surface
Plastic
Mechanical data
Dimension
100 x 35 x 35 mm
Installation
non-flush
Output/Interface
Switching output
PNP normally open (NO)
Range/Distance
Assured operating distance Sa
24 mm
Hysteresis H max. (% of Sr)
15.0 %
Rated operating distance Sn
30 mm
Real switching distance sr
30 mm
Repeat accuracy max. (% of Sr)
5.0 %
Temperature drift max. (% of Sr)
10 %
Tolerance Sr
±10 %
Remarks
After eliminating the overload, the sensor is functional again after a load-dependent delay time of 5-30 s.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com