Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  TMS320F281x Digital Signal Processors
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 17Page - Texas Instruments TMS320F2811 Datasheet HTML 18Page - Texas Instruments TMS320F2811 Datasheet HTML 19Page - Texas Instruments TMS320F2811 Datasheet HTML 20Page - Texas Instruments TMS320F2811 Datasheet HTML 21Page - Texas Instruments TMS320F2811 Datasheet HTML 22Page - Texas Instruments TMS320F2811 Datasheet HTML 23Page - Texas Instruments TMS320F2811 Datasheet HTML 24Page - Texas Instruments TMS320F2811 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 173 page
background image
21
TMS320F2810, TMS320F2811, TMS320F2812
www.ti.com
SPRS174U – APRIL 2001 – REVISED JULY 2019
Submit Documentation Feedback
Product Folder Links: TMS320F2810 TMS320F2811 TMS320F2812
Specifications
Copyright © 2001–2019, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Section 5.4 is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage values are with respect to
VSS.
(2)
Continuous clamp current per pin is ±2 mA
(3)
Long-term high-temperature storage and/or extended use at maximum temperature conditions may result in a reduction of overall device
life. For additional information, see the Semiconductor and IC Package Thermal Metrics Application Report.
5
Specifications
5.1
Absolute Maximum Ratings
(1)
over operating temperature ranges (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage
VDDIO
–0.3
4.6
V
VDD3VFL
–0.3
4.6
VDDA1
–0.3
4.6
VDDA2
–0.3
4.6
VDDAIO
–0.3
4.6
AVDDREFBG
–0.3
4.6
Supply voltage
VDD
–0.5
2.5
V
VDD1
–0.5
2.5
Input voltage
VIN
–0.3
4.6
V
Output voltage
VO
–0.3
4.6
V
Input clamp current
IIK (VIN < 0 or VIN > VDDIO)
(2)
–20
20
mA
Output clamp current
IOK (VO < 0 or VO > VDDIO)
–20
20
mA
Operating ambient temperature, TA
A version (GHH, ZHH, PGF, PBK)(3)
–40
85
°C
S version (GHH, ZHH, PGF, PBK)(3)
–40
125
Q version (PGF, PBK) (3)
–40
125
Junction temperature
TJ
–40
150
°C
Storage temperature
Tstg
(3)
–65
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com