Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SD-2H044MA Datasheet(PDF) 3 Page - promoco-motors.com

Part # SD-2H044MA
Description  2 Phase Hybrid Stepping Motor Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROMOCO [promoco-motors.com]
Direct Link  http://www.promoco-motors.com/index.php
Logo PROMOCO - promoco-motors.com

SD-2H044MA Datasheet(HTML) 3 Page - promoco-motors.com

  SD-2H044MA Datasheet HTML 1Page - promoco-motors.com SD-2H044MA Datasheet HTML 2Page - promoco-motors.com SD-2H044MA Datasheet HTML 3Page - promoco-motors.com SD-2H044MA Datasheet HTML 4Page - promoco-motors.com SD-2H044MA Datasheet HTML 5Page - promoco-motors.com  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2 Phase Hybrid Stepping Motor Driver
The specifications are believed to be accurate and
reliable. However, the suitability has to be determined
for a specific application. Specifications are subject to
change without notice.
Notice: according to the five connecting ways above drawing, should set the current, in theory the higher
current, the higher torque. But for reason that the motor avoid to lose the steps and rise high temperature in
high speed, general in this mode of the high speed output set the output current 1.4 more than the motor rated
phase current, in this mode of the high torque output set the output current is the motor rated phase current
70%.in actual, the setting phase current state is that the motor driver temperature inside 80 degrees in
working.
3. control signals are connected
PC control signal be high, also be low effective. When active high, the negative side of all control signals
together as a signal to active low, positive side of all control signals together as a signal common. Open-
collector, PNP output and differential signal output, for example, the interface circuit diagram is as follows
Controller NPN output (anode meet method)
Notice:
VCC = 5V, R short
VCC value of 12 V, R 1K greater than 1/8 W resistor
VCC value of 24V, R 2K, than 1/8 W resistor
The power line and the motor line diameter is more than 1 mm2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com