Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RH01 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # RH01
Description  SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

RH01 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  RH01 Datasheet HTML 1Page - Lite-On Technology Corporation RH01 Datasheet HTML 2Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PR
EL
M
IN
R
Y
NOTES : 1.Mounted on P.C. board.
2.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3.Thermal Resistance Junction to Ambient.
VRMS
VDC
VRRM
I(AV)
IFSM
VF
IR
CJ
@TA
=40 C
@TJ=125 C
RH01 thru RH08
FEATURES
Rating to 800V PRV
Ideal for printed circuit board
Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
Fast recovery, low loss switching
The plastic material has UL recognition File # E95060
MECHANICAL DATA
Polarity : Symbol marked on body
Weight : 0.0044 ounces, 0.125 grams
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
RH01
100
70
100
Maximum Average Forward
Rectified Current (Note 1)
Peak Forward Surge Current
8.3ms single half sine-wave
superimposed on rated load (JEDEC METHOD)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
MaximumForward Voltage at 0.4A DC
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@TJ=25 C
0.8
30
1.15
5
100
13
TJ
Operating Temperature Range
-55 to +150
C
TSTG
Storage Temperature Range
-55 to +150
C
Typical Thermal Resistance (Note 3)
R0JA
75
C/W
pF
uA
V
A
A
V
UNIT
V
V
CHARACTERISTICS
SYMBOL
HDDF
A
C
D
E
F
G
H
B
L
K
J
I
K
M
All Dimensions in millimeter
HDDF
DIM.
MIN.
MAX.
A
C
D
E
F
G
H
B
4.50
4.90
2.70
2.30
7.00
1.60
1.20
3.60
4.00
3.00
2.30
2.70
0.50
0.20
L
K
J
I
0.80
0.35
0.15
1.30
1.70
M
0.70
1.10
5
TYPICAL
RH08
800
560
800
RH04
400
280
400
RH02
200
140
200
Typical Junction Capacitance
per element (Note 2)
SURFACE MOUNT
GLASS PASSIVATED BRIDGE RECTIFIERS
REVERSE VOLTAGE - 100 to 800 Volts
FORWARD CURRENT - 0.8 Amperes
SEMICONDUCTOR
LITE-ON
Maximum Reverse Recovery Time
TRR
150
250
ns
RH06
600
420
600
500
REV. 0, 14-Feb-2001, KBDB02


Similar Part No. - RH01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RH010 VISHAY-RH010 Datasheet
221Kb / 5P
Wirewound Resistors, Military, MIL-PRF-18546 Qualified, Type RE, Aluminum Housed, Chassis Mount
11-Jul-07
RH010 VISHAY-RH010 Datasheet
186Kb / 5P
Wirewound Resistors, Military, MIL-PRF-18546 Qualified, Type RE, Aluminum Housed, Chassis Mount
04-Sep-2019
RH010 VISHAY-RH010 Datasheet
195Kb / 5P
Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
26-Feb-16
RH01010K00AC02 VISHAY-RH01010K00AC02 Datasheet
195Kb / 5P
Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
26-Feb-16
RH01010K00AE01 VISHAY-RH01010K00AE01 Datasheet
195Kb / 5P
Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
26-Feb-16
More results

Similar Description - RH01

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101S HY-DB101S_17 Datasheet
142Kb / 3P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
B05SA HY-B05SA Datasheet
164Kb / 3P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
MSB20A HY-MSB20A Datasheet
154Kb / 3P
GLASS PASSIVATED SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
RABS210 BYTESONIC-RABS210 Datasheet
905Kb / 2P
Surface Mount Glass Passivated Bridge Rectifiers
2019/10/12
logo
HY ELECTRONIC CORP.
B05S HY-B05S_V01 Datasheet
351Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
DB101S HY-DB101S_V01 Datasheet
345Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
DF15005S HY-DF15005S_V01 Datasheet
371Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
logo
Dongguan Pingjingsemi T...
TB1S-12 PJSEMI-TB1S-12 Datasheet
757Kb / 3P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
TB1S-20 PJSEMI-TB1S-20 Datasheet
405Kb / 3P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
FABS205 HY-FABS205 Datasheet
326Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com