Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCA8565 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA8565
Description  Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8565 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA8565 Datasheet HTML 4Page - NXP Semiconductors PCA8565 Datasheet HTML 5Page - NXP Semiconductors PCA8565 Datasheet HTML 6Page - NXP Semiconductors PCA8565 Datasheet HTML 7Page - NXP Semiconductors PCA8565 Datasheet HTML 8Page - NXP Semiconductors PCA8565 Datasheet HTML 9Page - NXP Semiconductors PCA8565 Datasheet HTML 10Page - NXP Semiconductors PCA8565 Datasheet HTML 11Page - NXP Semiconductors PCA8565 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
PCA85063A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 30 March 2018
8 of 59
NXP Semiconductors
PCA85063A
Automotive Real-Time Clock/calendar with alarm function and I2C-bus
8.2.1.2
STOP: STOP bit function
The function of the STOP bit (see Figure 4) is to allow for accurate starting of the time
circuits. The STOP bit function causes the upper part of the prescaler (F2 to F14) to be
held in reset and thus no 1 Hz ticks are generated. It also stops the output of clock
frequencies below 8 kHz on pin CLKOUT.
The time circuits can then be set and do not increment until the STOP bit is released (see
Figure 5 and Table 7).
Fig 4.
STOP bit functional diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com