Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

O7LS Datasheet(PDF) 1 Page - Fox Electronics

Part # O7LS
Description  7x5mm LVDS Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

O7LS Datasheet(HTML) 1 Page - Fox Electronics

  O7LS Datasheet HTML 1Page - Fox Electronics O7LS Datasheet HTML 2Page - Fox Electronics O7LS Datasheet HTML 3Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
7x5mm LVDS Oscillator
O7LS
(former F4700, F4710 Series)
DATASHEET
© Copyright 2020 Fox Electronics. All rights reserved.
Title / Description: O7LS SERIES STANDARD SPECIFICATIONS
Drawing Number: O7LS-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date: 05/05/2020
LVDS Output
Stabilities to ±20 PPM
Temperature Ranges as wide as -40ºC to +85ºC
Supply Voltages: 2.5V, 3.3V
Specifications
PARAMETERS
MAX (unless otherwise noted)
Frequency Range
25.0 ~ 400.0 MHz
Storage Temperature Range (TSTG)
-55 ~ +125°C
Supply Voltage
(VDD)
2.5V±10%
3.3V±10%
Input Current
(IDD)
63 mA
Standby Current
30 µA
Output Symmetry
(50% VP-P)
45% ~ 55%
Rise Time (20%~80% VP-P)
0.5 nS
Fall Time (80%~20% VP-P)
0.5 nS
Differential Output Voltage (VOD)
0.247V ~ 0.454V
Differential Offset Voltage (VOS)
1.125V ~ 1.375V
Output Load
100 Ohms Typical
Start-up Time
(TS)
10 mS
Output Disable Time 1
200 nS
Output Enable Time 1
10 mS
Aging (per year @ 25C)
±3 PPM
Phase Jitter (12kHz~20MHz)
1 pS
Enable/Disable Function
Pin1
Out 1 (pin 4), Out 2 (pin 5)
OPEN 1
Active
‘1’ Level V
IH  70%VDD
Active
‘0’ Level V
IL  30%VDD
High Z
Available Options by Stability & Operating Temp
Frequency
Stability
Operating
Temperature (ºC)
Frequency Range (MHz)
±100PPM2
-10 ~ +70
25.0 ~ 400.0
±100PPM2
-40 ~ +85
25.0 ~ 400.0
±100PPM2
-40 ~ +105
25.0 ~ 300.0
±50PPM2
-10 ~ +70
25.0 ~ 400.0
±50PPM2
-40 ~ +85
25.0 ~ 400.0
±50PPM2
-40 ~ +105
25.0 ~ 300.0
±25PPM2
-10 ~ +70
25.0 ~ 400.0
±25PPM3
-40 ~ +85
25.0 ~ 400.0
±20PPM3
-10 ~ +70
25.0 ~ 400.0
1 An internal pull-up resistor from pin 1 to pin 6 allows active output if pin 1 is left open
2 Inclusive of 25°C tolerance, operating temperature range, input voltage change, load change, reflow, one-year aging, shock, and vibration.
3 Inclusive of 25°C tolerance, operating temperature range.


Similar Part No. - O7LS

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
O7LD FOX-O7LD Datasheet
294Kb / 4P
7.0x5.0mm LVDS Oscillator
More results

Similar Description - O7LS

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F4710 FOX-F4710 Datasheet
207Kb / 1P
LVDS 7x5mm 2.5V Oscillator
F4700 FOX-F4700 Datasheet
78Kb / 1P
LVDS 7x5mm 3.3V Oscillator
logo
EUROQUARTZ limited
EQVP-LC72 EUROQUARTZ-EQVP-LC72 Datasheet
166Kb / 1P
LVDS 7x5mm 2.5V VCXO
EQVP-LC73 EUROQUARTZ-EQVP-LC73 Datasheet
166Kb / 1P
LVDS 7x5mm 3.3V VCXO
EQXP-HC72 EUROQUARTZ-EQXP-HC72 Datasheet
164Kb / 1P
HCMOS 7x5mm 2.5V OSCILLATOR
EQXP-LC72 EUROQUARTZ-EQXP-LC72 Datasheet
164Kb / 1P
LVDS 7x5mm 2.5V OSCILLATOR
EQXP-LC73 EUROQUARTZ-EQXP-LC73 Datasheet
164Kb / 1P
LVDS 7x5mm 3.3V OSCILLATOR
EQXP-PC73 EUROQUARTZ-EQXP-PC73 Datasheet
164Kb / 1P
LVPECL 7x5mm 3.3V OSCILLATOR
logo
Fox Electronics
O7HS FOX-O7HS Datasheet
296Kb / 5P
HCMOS 7x5mm SMD Oscillator
O7PS FOX-O7PS Datasheet
210Kb / 4P
7x5mm LVPECL Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com