Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BLUENRG-M2SA Datasheet(PDF) 3 Page - STMicroelectronics

Part # BLUENRG-M2SA
Description  Very low power application processor module for Bluetooth® low energy v5.0
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-M2SA Datasheet(HTML) 3 Page - STMicroelectronics

  BLUENRG-M2SA Datasheet HTML 1Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 2Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 3Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 4Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 5Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 6Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 7Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 8Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
1
General description
The BlueNRG-M2 is a Bluetooth low energy application processor modules compliant with Bluetooth® v5.0.
The BlueNRG-M2 module has been designed around the ST BlueNRG-2 SoC where its Cortex-M0 core can
execute both Bluetooth protocols and customer application. Optimized memory architecture includes 256 kB of
Flash memory and 24 kB of ultra-low-leakage RAM (with full data retention). A complete power-optimized
Bluetooth stack library provides:
•
Master, slave, multiple role support
•
GAP: central, peripheral, observer or broadcaster roles
•
Simultaneous advertising and scanning
•
Capability of being slave of up to two masters simultaneously
•
ATT/GATT: client and server
•
SM: privacy, authentication and authorization
•
L2CAP
•
Link Layer: AES-128 encryption and decryption
In the BLUENRG-M2SA module both 32 MHz and 32 kHz crystal oscillators are available. It has been designed to
leverage the BlueNRG-2 integrated DC-DC step down converter in order to achieve the best power consumption
in active mode. It also embeds a high efficiency chip antenna. It can be configured to support both application
processor (host-less) and network processor (hosted) modes.
Being based on the BlueNRG-2 SoC, the BlueNRG-M2 module leverages all tools and documentation of its
ecosystem: development kit, application notes, user manuals, design notes & Tips. A wide set of sample
programs are also available in C source code.
The BlueNRG-M2 module has a wide set of peripherals available for customer applications (1 x UART interface, 1
x SPI interface, 1 x I2C interface, 14 GPIO, 2 x multifunction timer, 10-bit ADC, watchdog & RTC, DMA controller,
PDM stream processor).
The BlueNRG-M2 module enables wireless connectivity into electronic devices, not requiring any RF experience
or expertise for integration into the final product. The BlueNRG-M2 module provides a complete RF application
platform in a tiny form factor (11.5 x 13.5 x 2.0 mm) and being a certified solution optimizes the time to market of
the final applications.
The BlueNRG-M2 module allows applications to meet the tight advisable peak current requirements imposed with
the use of standard coin cell batteries. Optimized results are obtained when the embedded high-efficiency DC-DC
step-down converter is used (BLUENRG-M2SA). Instead, for the BLUENRG-M2SP the best performance in terms
of power consumption is achieved using a 1.8 V DC power supply. The BlueNRG-M2 can be powered directly
with a standard 3 V coin cell battery as with a pair of AAA batteries or any power source from 1.7 to 3.6 V.
BlueNRG-M2
General description
DS13053 - Rev 2
page 3/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com