Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STL100NH3LL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL100NH3LL
Description  N-CHANNEL 30V - 0.0032ohm - 25A PowerFLAT (6x5) STripFET III MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL100NH3LL Datasheet(HTML) 1 Page - STMicroelectronics

  STL100NH3LL Datasheet HTML 1Page - STMicroelectronics STL100NH3LL Datasheet HTML 2Page - STMicroelectronics STL100NH3LL Datasheet HTML 3Page - STMicroelectronics STL100NH3LL Datasheet HTML 4Page - STMicroelectronics STL100NH3LL Datasheet HTML 5Page - STMicroelectronics STL100NH3LL Datasheet HTML 6Page - STMicroelectronics STL100NH3LL Datasheet HTML 7Page - STMicroelectronics STL100NH3LL Datasheet HTML 8Page - STMicroelectronics STL100NH3LL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
PRODUCT PREVIEW
October 2005
This is a preliminary information on a new product now in development. Details are subjet to change without notice
STL100NH3LL
N-CHANNEL 30V - 0.0032
Ω - 25A PowerFLAT™ (6x5)
STripFET™ III MOSFET
Table 1: General Features
■
TYPICAL RDS(on) = 0.0032Ω @ 10V
■
IMPROVED DIE-TO-FOOTPRINT RATIO
■
VERY LOW PROFILE PACKAGE (1mm MAX)
■
VERY LOW THERMAL RESISTANCE
■
CONDUCTION LOSSES REDUCED
■
SWITCHING LOSSES REDUCED
DESCRIPTION
The STL100NH3LL utilizes the latest advanced
design rules of ST’s proprietary STripFET™ Tech-
nology. This process complete to unique metalliza-
tion technique realised the most advanced low
voltage MOSFET in PowerFLAT(6x5). The Chip-
scaled PowerFLAT™ package allows a significant
board space saving, still boosting the perfor-
mance.
APPLICATIONS
■
HIGH-EFFICIENCY DC-DC CONVERTERS
■
SYNCHRONOUS RECTIFICATION
Table 2: Order Codes
Figure 1: Package
Figure 2: Internal Schematic Diagram
TYPE
VDSS
RDS(on)
ID
STL100NH3LL
30 V
< 0.0035
Ω
25 A (1)
PowerFLAT (6x5)
SALES TYPE
MARKING
PACKAGE
PACKAGING
STL100NH3LL
L100NH3LL
PowerFLAT™( 6x5 )
TAPE & REEL
Rev. 4


Similar Part No. - STL100NH3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL100NH3LL STMICROELECTRONICS-STL100NH3LL Datasheet
394Kb / 12P
N-channel 30V - 0.0032ohm - 25A - PowerFLAT (6x5) STripFET III Power MOSFET
04-Jan-2007
STL100NH3LL STMICROELECTRONICS-STL100NH3LL Datasheet
356Kb / 12P
N-channel 30 V - 0.0032 Ω - 25 A - PowerFLAT??(6x5) STripFET™III Power MOSFET
20-Mar-2008
STL100NH3LL STMICROELECTRONICS-STL100NH3LL_07 Datasheet
394Kb / 12P
N-channel 30V - 0.0032ohm - 25A - PowerFLAT (6x5) STripFET III Power MOSFET
04-Jan-2007
STL100NH3LL STMICROELECTRONICS-STL100NH3LL_08 Datasheet
356Kb / 12P
N-channel 30 V - 0.0032 Ω - 25 A - PowerFLAT??(6x5) STripFET™III Power MOSFET
20-Mar-2008
More results

Similar Description - STL100NH3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL80NF3LL STMICROELECTRONICS-STL80NF3LL Datasheet
344Kb / 9P
N-CHANNEL 30V - 0.0045ohm - 80A PowerFLAT(6X5) STripFET II MOSFET
22-Jun-2005
STL50NH3LL STMICROELECTRONICS-STL50NH3LL Datasheet
332Kb / 12P
N-channel 30V - 0.011 - 13A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
30-Mar-2006
STB200NF03 STMICROELECTRONICS-STB200NF03_07 Datasheet
449Kb / 18P
N-channel 30V - 0.0032ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
09-Aug-2006
STL100NH3LL STMICROELECTRONICS-STL100NH3LL_07 Datasheet
394Kb / 12P
N-channel 30V - 0.0032ohm - 25A - PowerFLAT (6x5) STripFET III Power MOSFET
04-Jan-2007
STL50NH3LL_0609 STMICROELECTRONICS-STL50NH3LL_0609 Datasheet
351Kb / 12P
N-channel 30V - 0.011ohm - 13A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
06-Sep-2006
STL60NH3LL_0609 STMICROELECTRONICS-STL60NH3LL_0609 Datasheet
355Kb / 13P
N-channel 30V - 0.0065ohm - 30A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
05-Sep-2006
STS20NHS3LL STMICROELECTRONICS-STS20NHS3LL_07 Datasheet
305Kb / 12P
N-channel 30V - 0.0032ohm - 20A - SO-8 STripFET III Power MOSFET plus monolithic schottky
31-Jan-2007
STSJ100NHS3LL STMICROELECTRONICS-STSJ100NHS3LL Datasheet
293Kb / 12P
N-channel 30V - 0.0032ohm - 20A - PowerSO-8 STripFET III Power MOSFET plus monolithic schottky
18-Jul-2006
STL100NH3LL STMICROELECTRONICS-STL100NH3LL_08 Datasheet
356Kb / 12P
N-channel 30 V - 0.0032 Ω - 25 A - PowerFLAT??(6x5) STripFET™III Power MOSFET
20-Mar-2008
STL100NHS3LL STMICROELECTRONICS-STL100NHS3LL Datasheet
235Kb / 9P
N-channel 30V - 0.0032Ω - 22A - PowerFLAT??(6x5) STripFET™Power MOSFET plus monolithic Schottky
03-Sep-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com