Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VCC6-RAC-156M00 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # VCC6-RAC-156M00
Description  2.5 and 3.3 volt LVPECL Crystal Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VCC6-RAC-156M00 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  VCC6-RAC-156M00 Datasheet HTML 1Page - List of Unclassifed Manufacturers VCC6-RAC-156M00 Datasheet HTML 2Page - List of Unclassifed Manufacturers VCC6-RAC-156M00 Datasheet HTML 3Page - List of Unclassifed Manufacturers VCC6-RAC-156M00 Datasheet HTML 4Page - List of Unclassifed Manufacturers VCC6-RAC-156M00 Datasheet HTML 5Page - List of Unclassifed Manufacturers VCC6-RAC-156M00 Datasheet HTML 6Page - List of Unclassifed Manufacturers VCC6-RAC-156M00 Datasheet HTML 7Page - List of Unclassifed Manufacturers VCC6-RAC-156M00 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
VCC6-Q/R Series, 2.5 and 3.3v PECL Crystal Oscillator
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
Table 9. Standard Frequencies (MHz)
19.440
27.000
27.027
35.000
37.000
38.880
40.000
40.680
48.000
50.000
52.300
62.500
64.000
64.375
74.1758
74.250
76.800
77.760
80.000
83.125
87.000
90.000
91.875
93.000
98.304
100.000
105.000
106.000
106.250
110.000
125.000
130.000
130.5882
133.000
134.560729
135.000
136.000
143.000
145.221
150.000
153.500
155.520
156.000
156.250
156.256
156.260
159.375
160.000
160.160
161.1328
163.235
164.3555
165.000
166.000
166.6286
166.6667
166.67
167.00
167.3316
168.200912
171.000
173.3707
175.000
180.000
187.500
190.000
195.3125
200.000
212.500
250.000
260.000
Other frequencies may be available upon request. Standard frequencies are frequencies which the crystal
has been designed and does not imply a stock position.
Ordering Information
VCC6 – Qxx – xxxMxx
Product Family
Frequency MHz
Crystal Oscillator
example: 125M00= 125.000
Supply Voltage, Output
Stability Options/Temperature
Q=3.3V, LVPECL
A: ±100ppm
-10 to 70°C
R=2.5V, LVPECL
B: ±50ppm
-10 to 70°C
Enable/Disable
C: ±100ppm
-40 to 85°C
A: E/D is on Pin 2, Pin 1 is a NC
D: ±50ppm
-40 to 85°C
C: E/D is on Pin 1, Pin 2 is a NC
E: ±25ppm
-10 to 70°C
F: ±25ppm
-40 to 85°C
NOTE: Not all combinations of options are available.
A ±20ppm option over -10/70°C 3.3V, VCC6-107-frequency, is also available
A ±20ppm option over -10/70°C 2.5V, VCC6-110-frequency, is also available.
www.vectron.com
Vectron International reserves the right to make changes to the product(s) and/or information contained herein without notice.
No liability is assumed
as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
VCC6-Q/R (REVISION DATE: September 07, 2005)
For Additional Information, Please Contact:
USA: Vectron International
• 267 Lowell Road, Hudson, NH 03051
• Tel: 1-88-VECTRON-1 • Fax: 1-888-FAX-VECTRON
EUROPE: Landstrasse, D-74924, Neckarbischofsheim, Germany
•
Tel: 49 (0) 7268 8010
• Fax: 49 (0) 7268 801281
ASIA: Vectron Asia Pacific Sales 1F~2F. No.8 Workshop No.308 Fenju Rd., WaiGaoQiao Free
Trade Zone, Pudong New Area Shanghai, China 200131
•Tel: 8621 50480777 • Fax: 8621 50481881



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com