Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VCC6-RAC-175M00 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # VCC6-RAC-175M00
Description  2.5 and 3.3 volt LVPECL Crystal Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VCC6-RAC-175M00 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  VCC6-RAC-175M00 Datasheet HTML 1Page - List of Unclassifed Manufacturers VCC6-RAC-175M00 Datasheet HTML 2Page - List of Unclassifed Manufacturers VCC6-RAC-175M00 Datasheet HTML 3Page - List of Unclassifed Manufacturers VCC6-RAC-175M00 Datasheet HTML 4Page - List of Unclassifed Manufacturers VCC6-RAC-175M00 Datasheet HTML 5Page - List of Unclassifed Manufacturers VCC6-RAC-175M00 Datasheet HTML 6Page - List of Unclassifed Manufacturers VCC6-RAC-175M00 Datasheet HTML 7Page - List of Unclassifed Manufacturers VCC6-RAC-175M00 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VCC6-Q/R Series, 2.5 and 3.3v PECL Crystal Oscillator
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
Outline Diagram and Pin Out
Table 2. VCC6-QAx Pinout
Pin #
Symbol
Function
1
NC
This pin has no internal connection and is floating.
2
E/D
Enable/Disable Function
3
GND
Ground
4
fO
Output Frequency
5
Cfo
Complementary Output Frequency
6
VDD
Supply Voltage
Gold over Nickel plating
Figure 3 Optional VCC6-QAx Package Drawing
Table 3. VCC6-QCx Pinout
Pin #
Symbol
Function
1
E/D
Enable/Disable Function
2
NC
This pin has no internal connection and is floating.
3
GND
Ground
4
fO
Output Frequency
5
Cfo
Complementary Output Frequency
6
VDD
Supply Voltage
Gold over Nickel plating
Figure 4. VCC6-QCx and VCC6-QAx Package Drawing



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com