Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLE5041PLUSC Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE5041PLUSC
Description  iGMR based Wheel Speed Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5041PLUSC Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE5041PLUSC Datasheet HTML 3Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 4Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 5Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 6Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 7Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 8Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 9Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 10Page - Infineon Technologies AG TLE5041PLUSC Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
iGMR based Wheel Speed Sensor
TLE5041plusC
1
Product Description
1.1
Overview
The TLE5041plusC is a wheel speed sensor designed for sophisticated
vehicle control systems. The rotational speed is sensed accurately,
enabling the sensor to be used as a component of indirect tire pressure
monitoring systems. It is based on integrated giant magneto resistive
(GMR) elements sensitive to the direction of a magnetic field. Excellent
repeatability and sensitivity is specified over a wide temperature range. To
meet harsh automotive requirements, robustness to electrostatic
discharge (ESD) and electromagnetic compatibility (EMC) has been
maximized. State of the art BiCMOS technology is used for monolithic integration of sensing elements and signal
conditioning circuitry, thus requiring no external components.
1.2
Features
Low jitter
High sensitivity
Immunity against external magnetic disturbances
Wide air-gap performance
2 mm sensing iGMR element pitch for use with magnetic encoder wheels
Differential front end highly immune to disturbing fields
Two-wire current interface
Monolithic integration on a single die
No external components required
Insensitive to mechanical stress
Wide junction temperature range -40°C to 170°C
1.3
Target Applications
Wheel speed sensing (ABS) or stability control systems with iTPMS feature.
General wheel speed sensing (ABS)
ESP
Indirect tire pressure monitoring (iTPMS)
Product Type
Package
TLE5041plusC
PG-SSO-2-53
Data Sheet
7
V 1.2, 2018-01-18
Marking
Ordering Code
541CPS
SP001952936



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com