Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IIS3DHHC Datasheet(PDF) 2 Page - STMicroelectronics

Part # IIS3DHHC
Description  Digital inclinometer kit based on IIS3DHHC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS3DHHC Datasheet(HTML) 2 Page - STMicroelectronics

  IIS3DHHC Datasheet HTML 1Page - STMicroelectronics IIS3DHHC Datasheet HTML 2Page - STMicroelectronics IIS3DHHC Datasheet HTML 3Page - STMicroelectronics IIS3DHHC Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1
Schematic diagrams
Figure 1. STEVAL-MKIGIBV5 board schematics
1
2
3
4
5
6
7
8
9
10
11
12
JP1
Header 12
24
23
22
21
20
19
18
17
16
15
14
13
JP2
Header 12
INT1
INT2
SCL
SDA
SCX
SDO-SAO
CS
SDO-SAO
CS
SCL
SDA
SDX
OSDO
VDD
VDDIO
OCS
INT2
INT1
OCS
SCX
SDX
OSDO
VDD
VDDIO
1
2
3
4
5
6
7
8
9 10
11 12
J1
0R
R1
0R
R2
330pF
C1
330pF
C2
NOT MOUNT
Figure 2. STEVAL-MKI216V1K board schematics
SCL
SDA
GND
VDD
100nF
C1
100nF
C2
10uF
C3
VDDIO
GND
10uF
C4
1k5
R1
1k5
R2
VDDIO
SPC
1
SDI
2
VDDIO
7
VDD
8
GND
9
10_GND
10
15_GND
15
16_GND
16
U1
IIS3DHHC_LGA_5x5_16L
1
2
3
4
5
6
7
8
9 10
11 12
J1
VDD
VDDIO
GND
GND
GND
GND
GND
SDO
SDA
SCL
CS
INT2
INT1
SCL
SDA
VDD
VDDIO
STEVAL-MKI216V1K
Schematic diagrams
DB4354 - Rev 1
page 2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com