Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM8S003F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM8S003F3
Description  Value line, 16-MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3 Datasheet(HTML) 1 Page - STMicroelectronics

  STM8S003F3 Datasheet HTML 1Page - STMicroelectronics STM8S003F3 Datasheet HTML 2Page - STMicroelectronics STM8S003F3 Datasheet HTML 3Page - STMicroelectronics STM8S003F3 Datasheet HTML 4Page - STMicroelectronics STM8S003F3 Datasheet HTML 5Page - STMicroelectronics STM8S003F3 Datasheet HTML 6Page - STMicroelectronics STM8S003F3 Datasheet HTML 7Page - STMicroelectronics STM8S003F3 Datasheet HTML 8Page - STMicroelectronics STM8S003F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 103 page
background image
This is information on a product in full production.
August 2018
DS7147 Rev 10
1/103
STM8S003F3 STM8S003K3
Value line, 16-MHz STM8S 8-bit MCU, 8-Kbyte Flash memory,
128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
Datasheet
- production data
Features
Core
• 16 MHz advanced STM8 core with Harvard
architecture and 3-stage pipeline
• Extended instruction set
Memories
• Program memory: 8 Kbyte Flash memory; data
retention 20 years at 55 °C after 100 cycles
• RAM: 1 Kbyte
• Data memory: 128 bytes true data EEPROM;
endurance up to 100 k write/erase cycles
Clock, reset and supply management
• 2.95 V to 5.5 V operating voltage
• Flexible clock control, 4 master clock sources
– Low-power crystal resonator oscillator
– External clock input
– Internal, user-trimmable 16 MHz RC
– Internal low-power 128 kHz RC
• Clock security system with clock monitor
• Power management
– Low-power modes (wait, active-halt, halt)
– Switch-off peripheral clocks individually
– Permanently active, low-consumption
power-on and power-down reset
Interrupt management
• Nested interrupt controller with 32 interrupts
• Up to 27 external interrupts on 6 vectors
Timers
• Advanced control timer: 16-bit, 4 CAPCOM
channels, 3 complementary outputs, dead-time
insertion and flexible synchronization
• 16-bit general purpose timer, with 3 CAPCOM
channels (IC, OC or PWM)
• 8-bit basic timer with 8-bit prescaler
• Auto wakeup timer
• Window and independent watchdog timers
Communications interfaces
• UART with clock output for synchronous
operation, SmartCard, IrDA, LIN master mode
• SPI interface up to 8 Mbit/s
• I2C interface up to 400 Kbit/s
Analog to digital converter (ADC)
• 10-bit ADC, ± 1 LSB ADC with up to 5
multiplexed channels, scan mode and analog
watchdog
I/Os
• Up to 28 I/Os on a 32-pin package including 21
high-sink outputs
• Highly robust I/O design, immune against
current injection
Development support
• Embedded single-wire interface module
(SWIM) for fast on-chip programming and non-
intrusive debugging
LQFP32
7x7 mm
TSSOP20
6.5x6.4 mm
UFQFPN20
3x3 mm
www.st.com


Similar Part No. - STM8S003F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8S003F3 STMICROELECTRONICS-STM8S003F3 Datasheet
1Mb / 104P
Extended instruction set
03-May-2017
STM8S003F3P6 STMICROELECTRONICS-STM8S003F3P6 Datasheet
956Kb / 100P
Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
12-Jun-2012
STM8S003F3P6C STMICROELECTRONICS-STM8S003F3P6C Datasheet
956Kb / 100P
Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
12-Jun-2012
STM8S003F3P6CTR STMICROELECTRONICS-STM8S003F3P6CTR Datasheet
956Kb / 100P
Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
12-Jun-2012
STM8S003F3P6TR STMICROELECTRONICS-STM8S003F3P6TR Datasheet
956Kb / 100P
Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI
12-Jun-2012
More results

Similar Description - STM8S003F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8S103F3P3 STMICROELECTRONICS-STM8S103F3P3 Datasheet
1Mb / 113P
Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I2C
09-Sep-2010
STM8S103K3T6C STMICROELECTRONICS-STM8S103K3T6C Datasheet
1Mb / 117P
Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
26-Jun-2012
STM8S003F3P6TR STMICROELECTRONICS-STM8S003F3P6TR Datasheet
956Kb / 100P
Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI
12-Jun-2012
STM8S003K3T6C STMICROELECTRONICS-STM8S003K3T6C Datasheet
956Kb / 100P
Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I짼C
12-Jun-2012
STM8S003F3U6TR STMICROELECTRONICS-STM8S003F3U6TR Datasheet
956Kb / 100P
Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
12-Jun-2012
STM8S005K6 STMICROELECTRONICS-STM8S005K6 Datasheet
1,006Kb / 103P
Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, IC
13-Jun-2012
STM8S005K6T6C STMICROELECTRONICS-STM8S005K6T6C Datasheet
1,006Kb / 103P
Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, I²C
13-Jun-2012
STM8S001J3 STMICROELECTRONICS-STM8S001J3 Datasheet
1Mb / 84P
16 MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I2C
29-Jun-2017
STM8S103F2 STMICROELECTRONICS-STM8S103F2 Datasheet
1Mb / 121P
Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
February 2017
STM8S001J3 STMICROELECTRONICS-STM8S001J3_V01 Datasheet
1Mb / 84P
16 MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I2C
26-Aug-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com