| Electronic Components Datasheet Search |
|
STM32L552CCI3PTR Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552CCI3PTR Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 340 page ![]() STM32L552xx 2/340 DS12737 Rev 6 • 512-byte OTP (one-time programmable) for user data General-purpose input/outputs • Up to 114 fast I/Os with interrupt capability most 5 V-tolerant and up to 14 I/Os with independent supply down to 1.08 V Power management • Embedded regulator (LDO) with three configurable range output to supply the digital circuitry • Embedded SMPS step-down converter • External SMPS support Clock management • 4 to 48 MHz crystal oscillator • 32 kHz crystal oscillator for RTC (LSE) • Internal 16 MHz factory-trimmed RC (±1%) • Internal low-power 32 kHz RC (±5%) • Internal multispeed 100 kHz to 48 MHz oscillator, auto-trimmed by LSE (better than ±0.25% accuracy) • Internal 48 MHz with clock recovery • 3 PLLs for system clock, USB, audio, ADC Up to 16 timers and 2 watchdogs • 16x timers: 2 x 16-bit advanced motor-control, 2 x 32-bit and 5 x 16-bit general purpose, 2x 16-bit basic, 3x low-power 16-bit timers (available in Stop mode), 2x watchdogs, 2x SysTick timer • RTC with hardware calendar, alarms and calibration Up to 19 communication peripherals • 1x USB Type-C™/ USB power delivery controller • 1x USB 2.0 full-speed crystal less solution, LPM and BCD • 2x SAIs (serial audio interface) • 4x I2C FM+(1 Mbit/s), SMBus/PMBus™ • 6x USARTs (ISO 7816, LIN, IrDA, modem) • 3x SPIs (7x SPIs with USART and OCTOSPI in SPI mode) • 1x FDCAN controller • 1x SDMMC interface 2 DMA controllers • 14 DMA channels Up to 22 capacitive sensing channels • Support touch key, linear and rotary touch sensors Rich analog peripherals (independent supply) • 2x 12-bit ADC 5 Msps, up to 16-bit with hardware oversampling, 200 µA/Msps • 2x 12-bit DAC outputs, low-power sample and hold • 2x operational amplifiers with built-in PGA • 2x ultra-low-power comparators • 4x digital filters for sigma delta modulator CRC calculation unit Debug • Development support: serial wire debug (SWD), JTAG, Embedded Trace Macrocell™ (ETM) Table 1. Device summary Reference Part numbers STM32L552xx STM32L552CC, STM32L552CE, STM32L552ME, STM32L552QC, STM32L552QE, STM32L552RC, STM32L552RE, STM32L552VC, STM32L552VE, STM32L552ZC, STM32L552ZE |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |