Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FS1027 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # FS1027
Description  Liquid Flow Sensor Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS1027 Datasheet(HTML) 3 Page - Renesas Technology Corp

  FS1027 Datasheet HTML 1Page - Renesas Technology Corp FS1027 Datasheet HTML 2Page - Renesas Technology Corp FS1027 Datasheet HTML 3Page - Renesas Technology Corp FS1027 Datasheet HTML 4Page - Renesas Technology Corp FS1027 Datasheet HTML 5Page - Renesas Technology Corp FS1027 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FS1027 Datasheet
© 2017 Integrated Device Technology, Inc.
3
December 17, 2017
Absolute Maximum Ratings
The absolute maximum ratings are stress ratings only. Stresses greater than those listed below can cause permanent damage to the device.
Functional operation of the FS1027 at absolute maximum ratings is not implied. Exposure to absolute maximum rating conditions might affect
device reliability.
Table 2.
Absolute Maximum Ratings
Symbol
Parameter
Conditions
Minimum
Maximum
Units
VIN
Supply Voltage
5.5
V
TSTOR
Storage Temperature
0
80
°C
Operating Conditions
Table 3.
Recommended Operating Conditions
Symbol
Parameter
Minimum
Typical
Maximum
Units
VIN
Supply Voltage
5.0
5.5
V
TAMB
Ambient Operating Temperature
5
75
°C
PCM
Common-Mode Pressure
30
PSI
Electrical Characteristics
Table 4.
Electrical Characteristics
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
IVIN
Current Consumption
15
mA
FLQ
Liquid Flow Range
0
10
Liter/min
VOUT
Analog Voltage Output
Uncalibrated
0
4.5
V
VNULL
Flow Null Voltage
0
0.1
0.3
V
H
Flow Response Time[a]
5
msec
VTEMP
Temperature Output
At 5°C
4.25
V
At 80°C
1.0
V
[a] The flow response time includes a 10% to 90% rise time for the flow sensor to electrically respond to any liquid flow change. Measurements
might be affected by the pneumatic interface.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com