Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DP83241 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83241
Description  CDD Device (FDDI Clock Distribution Device)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83241 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DP83241 Datasheet HTML 1Page - National Semiconductor (TI) DP83241 Datasheet HTML 2Page - National Semiconductor (TI) DP83241 Datasheet HTML 3Page - National Semiconductor (TI) DP83241 Datasheet HTML 4Page - National Semiconductor (TI) DP83241 Datasheet HTML 5Page - National Semiconductor (TI) DP83241 Datasheet HTML 6Page - National Semiconductor (TI) DP83241 Datasheet HTML 7Page - National Semiconductor (TI) DP83241 Datasheet HTML 8Page - National Semiconductor (TI) DP83241 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
10 FDDI Chip Set Overview
National Semiconductor’s FDDI chip set consists of five
components as shown in
Figure 1-1 For more information
about the other devices in the chip set consult the appropri-
ate data sheets and application notes
DP83231 CRDTM Device
Clock Recovery Device
The Clock Recovery Device extracts a 125 MHz clock from
the incoming bit stream
Features
 PHY Layer loopback test
 Crystal controlled
 Clock locks in less than 85 ms
DP83241 CDDTM Device
Clock Distribution Device
From a 125 MHz reference the Clock Distribution Device
synthesizes the 125 MHz 25 MHz and 125 MHz clocks
required by the BSI BMAC and PLAYER devices
DP8325155 PLAYERTM Device
Physical Layer Controller
The PLAYER device implements the Physical Layer (PHY)
protocol as defined by the ANSI FDDI PHY X3T95 Stan-
dard
Features
 4B5B encoders and decoders
 Framing logic
 Elasticity Buffer Repeat Filter and Smoother
 Line state detectorgenerator
 Link error detector
 Configuration switch
 Full duplex operation
 Separate management port that is used to configure and
control operation
In
addition
the
DP83255
contains
an
additional
PHY
Datarequest and PHY
Dataindicate port required
for concentration and dual attach stations
DP83261 BMACTM Device
Media Access Controller
The BMAC device implements the Timed Token Media Ac-
cess Control protocol defined by the ANSI FDDI X3T95
MAC Standard
Features
 All of the standard defined ring service options
 Full duplex operation with through parity
 Supports all FDDI Ring Scheduling Classes (Synchro-
nous Asynchronous etc)
 Supports Individual Group Short Long and External
Addressing
 Generates Beacon Claim and Void frames internally
 Extensive ring and station statistics gathering
 Extensions for MAC level bridging
 Separate management port that is used to configure and
control operation
 Multi-frame streaming interface
DP83265 BSITM Device
System Interface
The BSI Device implements an interface between the Na-
tional FDDI BMAC device and a host system
Features
 32-bit wide AddressData path with byte parity
 Programmable transfer burst sizes of 4 or 8 32-bit words
 Interfaces to low-cost DRAMs or directly to system bus
 Provides 2 Output and 3 Input Channels
 Supports HeaderInfo splitting
 Efficient data structures
 Programmable Big or Little Endian alignment
 Full Duplex data path allows transmission to self
 Comfirmation status batching services
 Receive frame filtering services
 Operates from 125 MHz to 25 MHz synchronously with
host system
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com